Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSD6 Datasheet (PDF) - Littelfuse

TSD6 Datasheet PDF - Littelfuse
Part # TSD6
Download  TSD6 Download
File Size   609.62 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Interval

TSD6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSD6 Datasheet PDF - Littelfuse

Part # TSD6
Download  TSD6 Click to download

File Size   609.62 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Interval

TSD6 Datasheet (HTML) - Littelfuse


TSD6 Product details

Description
The TSD6 Series offers total solid-state, interval timing for 12
or 24VDC applications. This series provides either negative
or positive switching. The TSD6 Series is designed for more
demanding commercial and industrial applications where
small size and accurate performance is required. The factory
calibration for fixed time delays is within 1% of the target time
delay. The repeat accuracy, under stable conditions, is 0.1%
of the time delay. The TSD6 Series is rated to operate over an
extended temperature range. Time delays of 0.1 seconds to
100 hours are available. The output is rated 1A steady and 10A
inrush. The modules are totally solid state and encapsulated to
protect the electronic circuitry.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output energizes during the time delay. At the end of the time
delay, the output de-energizes and remains de-energized until
input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.1%,
+ / -1% time delay accuracy
Extended
temperature range
Rated to 75°C operating temperature to withstand
high heat applications.
Compact, low
cost design Allows flexiblility for OEM applications
1A Steady solid-state
output, 10A inrush Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity




Similar Part No. - TSD6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD6 ETC1-TSD6 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
StarHope
TSD6.0U SPSEMI-TSD6.0U Datasheet
270Kb / 5P
TSD(1800W) Series
TSD60U SPSEMI-TSD60U Datasheet
270Kb / 5P
TSD(1800W) Series
logo
STMicroelectronics
TSD635 STMICROELECTRONICS-TSD635 Datasheet
203Kb / 6P
ASYMMETRICAL THYRISTOR THYRISTOR ASYMETRIQUE
logo
Vishay Siliconix
TSD68 VISHAY-TSD68 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
More results


Similar Description - TSD6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
TDUI LITTELFUSE-TDUI Datasheet
398Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com