Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJD60R620E Datasheet (PDF) - Pan Jit International Inc.

PJD60R620E Datasheet PDF - Pan Jit International Inc.
Part # PJD60R620E
Download  PJD60R620E Download
File Size   1052.59 Kbytes
Page   8 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 600V N-Channel Super Junction MOSFET

PJD60R620E Datasheet (PDF)

Go To PDF Page Download Datasheet
PJD60R620E Datasheet PDF - Pan Jit International Inc.

Part # PJD60R620E
Download  PJD60R620E Click to download

File Size   1052.59 Kbytes
Page   8 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 600V N-Channel Super Junction MOSFET

PJD60R620E Datasheet (HTML) - Pan Jit International Inc.


PJD60R620E Product details

Features
 RDS(ON), VGS@10V, ID@2.4A<0.62Ω
 Fast switching speed
 Low on-resistance
 Low Noise
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard

Mechanical Data
 Case : TO-252AA, TO-220AB, ITO-220AB-F
 Terminals : Solderable per MIL-STD-750, Method 2026
 TO-252AA Approx. Weight : 0.0104 ounces, 0.297grams
 TO-220AB Approx. Weight : 0.067 ounces, 1.89 grams
 ITO-220AB-F Approx. Weight : 0.068 ounces, 2 grams




Similar Part No. - PJD60R620E

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD60R390E PANJIT-PJD60R390E Datasheet
931Kb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
PJD60R390E_L2_00001 PANJIT-PJD60R390E_L2_00001 Datasheet
931Kb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
PJD60R540E PANJIT-PJD60R540E Datasheet
954Kb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
PJD60R540E_L2_00001 PANJIT-PJD60R540E_L2_00001 Datasheet
954Kb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
PJD60R980E PANJIT-PJD60R980E Datasheet
1Mb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
More results


Similar Description - PJD60R620E

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA60R095T SEMIHOW-HCA60R095T Datasheet
270Kb / 7P
600V N-Channel Super Junction MOSFET
logo
Pan Jit International I...
PJMD580N60E1 PANJIT-PJMD580N60E1 Datasheet
552Kb / 7P
600V N-Channel Super Junction MOSFET
September 13,2021 PJMD580N60E1-REV.00
PJMD900N60EC PANJIT-PJMD900N60EC Datasheet
541Kb / 7P
600V N-Channel Super Junction MOSFET
October 14,2021 PJMD900N60EC-REV.00
PJMF280N60E1 PANJIT-PJMF280N60E1 Datasheet
506Kb / 7P
600V N-Channel Super Junction MOSFET
September 2,2021 PJMF280N60E1-REV.01
PJMF580N60E1 PANJIT-PJMF580N60E1 Datasheet
572Kb / 7P
600V N-Channel Super Junction MOSFET
September 2,2021 PJMF580N60E1-REV.01
PJMH120N60EC PANJIT-PJMH120N60EC Datasheet
582Kb / 7P
600V N-Channel Super Junction MOSFET
May 25,2022 PJMH120N60EC-REV.00
PJMH190N60E1 PANJIT-PJMH190N60E1 Datasheet
585Kb / 7P
600V N-Channel Super Junction MOSFET
August 18,2022 PJMH190N60E1-REV.00
PJMP900N60EC PANJIT-PJMP900N60EC Datasheet
563Kb / 7P
600V N-Channel Super Junction MOSFET
October 14,2021 PJMP900N60EC-REV.00
PJU60R980E PANJIT-PJU60R980E Datasheet
1Mb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
PJMP099N60EC PANJIT-PJMP099N60EC Datasheet
889Kb / 7P
600V N-Channel Super Junction MOSFET
November 23,2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com