Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJMP900N60EC Datasheet (PDF) - Pan Jit International Inc.

PJMP900N60EC Datasheet PDF - Pan Jit International Inc.
Part # PJMP900N60EC
Download  PJMP900N60EC Download
File Size   563.04 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 600V N-Channel Super Junction MOSFET

PJMP900N60EC Datasheet (PDF)

Go To PDF Page Download Datasheet
PJMP900N60EC Datasheet PDF - Pan Jit International Inc.

Part # PJMP900N60EC
Download  PJMP900N60EC Click to download

File Size   563.04 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 600V N-Channel Super Junction MOSFET

PJMP900N60EC Datasheet (HTML) - Pan Jit International Inc.


PJMP900N60EC Product details

Feature:
 RDS(ON) Max, VGS@10V: 900mΩ
 Easy to use/ drive
 High Speed Switching and Low RDS(ON)
 100% Avalanche Tested
 100% Rg Tested
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case: TO-220AB-L package
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.0739 ounces, 2.0948 grams
Application
 LED Power, Charger Adaptor




Similar Part No. - PJMP900N60EC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMP990N65EC PANJIT-PJMP990N65EC Datasheet
563Kb / 7P
650V N-Channel Super Junction MOSF
October 14,2021 PJMP990N65EC-REV.00
More results


Similar Description - PJMP900N60EC

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA60R095T SEMIHOW-HCA60R095T Datasheet
270Kb / 7P
600V N-Channel Super Junction MOSFET
logo
Pan Jit International I...
PJD60R620E PANJIT-PJD60R620E Datasheet
1Mb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
PJMD580N60E1 PANJIT-PJMD580N60E1 Datasheet
552Kb / 7P
600V N-Channel Super Junction MOSFET
September 13,2021 PJMD580N60E1-REV.00
PJMD900N60EC PANJIT-PJMD900N60EC Datasheet
541Kb / 7P
600V N-Channel Super Junction MOSFET
October 14,2021 PJMD900N60EC-REV.00
PJMF280N60E1 PANJIT-PJMF280N60E1 Datasheet
506Kb / 7P
600V N-Channel Super Junction MOSFET
September 2,2021 PJMF280N60E1-REV.01
PJMF580N60E1 PANJIT-PJMF580N60E1 Datasheet
572Kb / 7P
600V N-Channel Super Junction MOSFET
September 2,2021 PJMF580N60E1-REV.01
PJMH120N60EC PANJIT-PJMH120N60EC Datasheet
582Kb / 7P
600V N-Channel Super Junction MOSFET
May 25,2022 PJMH120N60EC-REV.00
PJMH190N60E1 PANJIT-PJMH190N60E1 Datasheet
585Kb / 7P
600V N-Channel Super Junction MOSFET
August 18,2022 PJMH190N60E1-REV.00
PJU60R980E PANJIT-PJU60R980E Datasheet
1Mb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
PJMP099N60EC PANJIT-PJMP099N60EC Datasheet
889Kb / 7P
600V N-Channel Super Junction MOSFET
November 23,2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com