Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLMU11 Datasheet (PDF) - Littelfuse

PLMU11 Datasheet PDF - Littelfuse
Part # PLMU11
Download  PLMU11 Download
File Size   343.51 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Protection Relays - Voltage Monitoring Relays

PLMU11 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLMU11 Datasheet PDF - Littelfuse

Part # PLMU11
Download  PLMU11 Click to download

File Size   343.51 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Protection Relays - Voltage Monitoring Relays

PLMU11 Datasheet (HTML) - Littelfuse


PLMU11 Product details

Description
The PLMU11 continuously measures the voltage of each of
the three phases to provide protection for 3-phase motors
and sensitive loads. Its microcontroller senses under and
overvoltage, voltage unbalance, phase loss, and phase
reversal. Protection is provided even when regenerated
voltages are present. Universal voltage operation and standard
base connection allows the PLMU11 to replace hundreds of
competitive part numbers.
Operation
Upon application of power, a 0.6s random start delay begins and
the PLMU11 measures the voltage levels and line frequency
and selects the voltage range. The output relay is energized
and the LED glows green when all voltages are acceptable
and the phase sequence is correct. LED flashes green during
trip delay, glows red when output de-energizes. Undervoltage,
overvoltage, and voltage unbalance must be sensed for
continuous trip delay before the relay de-energizes.
Re-energization is automatic upon fault correction. The output
relay will not energize if a fault condition is sensed as 3-phase
input voltage is applied. The LED alternately flashes red/green
when phase reversal is sensed. Line voltage is selected with
the knob, setting the over and under voltage trip points. Voltage
range is automatically selected by the microcontroller.

FEATURES BENEFITS
Quick octal 8-pin
mounting
Small footprint with universal mounting: ideal
replacement for hundreds of competitive
part numbers.
Proprietary
microcontroller
based circuitry
Constant monitoring of single-phase, low voltage,
high voltage, voltage unbalance, phase reversal.
LED diagnostics
Quick visual indicator for cause of trip. LED
indications include: normal operation, trip delay,
phase reveral, fault
Isolated, 10A, SPDT
output contacts Allows control of loads for AC voltages
Simple 3-wire connection
for delta or wye systems Allows flexibility across wide range of systems
ASME A17.1 Rule 210.6 Complies with safety codes for elevators,
escalators, moving walkways
NEMA MG1 14:30, 14:35 Complies with safety codes for motors
and generators
IEEE C62.41-1991 Level B Complies with safety codes for surge and
voltage protection




Similar Part No. - PLMU11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLM LITTELFUSE-PLM Datasheet
344Kb / 2P
Protection Relays
2016 Rev: 1-A-062116
logo
Omega Engineering, Inc.
PLM OMEGA-PLM Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
PLM-1012/2 OMEGA-PLM-1012/2 Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
PLM-106/10-P OMEGA-PLM-106/10-P Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
PLM-112/2-P OMEGA-PLM-112/2-P Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
More results


Similar Description - PLMU11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PUB02CT23 ETC2-PUB02CT23 Datasheet
211Kb / 4P
Monitoring Relays Monitoring Relays Types DUB02, PUB02
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
DLMU LITTELFUSE-DLMU Datasheet
255Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062716
HLVA6I23 LITTELFUSE-HLVA6I23 Datasheet
456Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062116
KVM LITTELFUSE-KVM Datasheet
338Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLS LITTELFUSE-PLS Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM LITTELFUSE-TVM Datasheet
336Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVW LITTELFUSE-TVW Datasheet
371Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
WVM LITTELFUSE-WVM Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com