Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WVM Datasheet (PDF) - Littelfuse

WVM Datasheet PDF - Littelfuse
Part # WVM
Download  WVM Download
File Size   315.26 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Protection Relays - Voltage Monitoring Relays

WVM Datasheet (PDF)

Go To PDF Page Download Datasheet
WVM Datasheet PDF - Littelfuse

Part # WVM
Download  WVM Click to download

File Size   315.26 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Protection Relays - Voltage Monitoring Relays

WVM Datasheet (HTML) - Littelfuse


WVM Product details

Description
The WVM Series provides protection against premature
equipment (motor) failure caused by voltage faults on the
3-phase line. The WVM’s microcontroller design provides reliable
protection even if regenerated voltages are present. It combines
dependable fault sensing with a 10 fault memory and a 6 LED
status display. Part instrument, part control, the WVM protects
your equipment when you’re not there and displays what
happened when you return. The WVM is fully adjustable and
includes time delays to prevent nuisance tripping and improve
system operation. Time delays include a 0.25 to 30s adjustable
trip delay, an adjustable 0.25 to 64m (in 3 ranges) restart delay,
plus a unique 3 to 15s true random start delay. The random start
delay prevents voltage sags caused by simultaneous restarting
of numerous motor loads after a power outage.

FEATURES BENEFITS
Proprietary
microcontroller
based circuitry
Constant monitoring to protect against phase loss,
phase reversal, over voltage, under voltage,
unbalance, and short cycling
Fault memory Stores the 10 most recent faults, which provides
diagnostics for troubleshooting
LED indication Provides visual indictation of existing relay/fault
status or faults stored in memory.
Switch selectable
automatic restart,
delayed automatic
restart, and manual reset
Allows user adjustment to handle unique
application requirements
Random start delay
Prevents voltage sags caused by simultaneous
restarting of multiple motor loads after a
power outage




Similar Part No. - WVM

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
WVM SEI-WVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
WVM10 SEI-WVM10 Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
WVM10DB100R SEI-WVM10DB100R Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
WVM10DB10L0 SEI-WVM10DB10L0 Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
WVM10DB5K00 SEI-WVM10DB5K00 Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
More results


Similar Description - WVM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PUB02CT23 ETC2-PUB02CT23 Datasheet
211Kb / 4P
Monitoring Relays Monitoring Relays Types DUB02, PUB02
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
DLMU LITTELFUSE-DLMU Datasheet
255Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062716
HLVA6I23 LITTELFUSE-HLVA6I23 Datasheet
456Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062116
KVM LITTELFUSE-KVM Datasheet
338Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLMU11 LITTELFUSE-PLMU11 Datasheet
343Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLS LITTELFUSE-PLS Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM LITTELFUSE-TVM Datasheet
336Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVW LITTELFUSE-TVW Datasheet
371Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com