Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754821 Datasheet (PDF) - PHOENIX CONTACT

1754821 Datasheet PDF - PHOENIX CONTACT
Part # 1754821
Download  1754821 Download
File Size   1862.94 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MSTB 2,5/21-ST

1754821 Datasheet (PDF)

Go To PDF Page Download Datasheet
1754821 Datasheet PDF - PHOENIX CONTACT

Part # 1754821
Download  1754821 Click to download

File Size   1862.94 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MSTB 2,5/21-ST

1754821 Datasheet (HTML) - PHOENIX CONTACT


1754821 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 21, number of rows: 1, number of positions: 21, number of connections: 21, product
range: MSTB 2,5/..-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip,
plug-in system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1754821

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754827 PHOENIX-1754827 Datasheet
268Kb / 15P
Printed-circuit board connector - FKCN 2,5/ 5-STF-5,08
09/12/2020
More results


Similar Description - 1754821

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754504 PHOENIX-1754504 Datasheet
259Kb / 7P
MSTB 2,5/ 5-ST
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1757200 PHOENIX-1757200 Datasheet
117Kb / 9P
Printed-circuit board connector - MSTB 2,5/21-ST-5,08
1703172 PHOENIX-1703172 Datasheet
358Kb / 14P
Printed-circuit board connector - MSTB 2,5/ 3-ST BKBDWH:21-23
1779602 PHOENIX-1779602 Datasheet
77Kb / 5P
Printed-circuit board connector - FRONT-MSTB 2,5/21-ST
1926390 PHOENIX-1926390 Datasheet
89Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 6-ST BD:21-26
11/05/2018
1161197 PHOENIX-1161197 Datasheet
2Mb / 30P
PCB connector - MSTB 2,5/ 3-ST-5,08 BUBDWH:-S
Jul 20, 2022
1754847 PHOENIX-1754847 Datasheet
1Mb / 21P
PCB connector - MSTB 2,5/22-ST
1792207 PHOENIX-1792207 Datasheet
1Mb / 17P
MVSTBR 2,5/21-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com