Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754821 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754821
Description  PCB connector - MSTB 2,5/21-ST
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754821 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754821 Datasheet HTML 1Page - PHOENIX CONTACT 1754821 Datasheet HTML 2Page - PHOENIX CONTACT 1754821 Datasheet HTML 3Page - PHOENIX CONTACT 1754821 Datasheet HTML 4Page - PHOENIX CONTACT 1754821 Datasheet HTML 5Page - PHOENIX CONTACT 1754821 Datasheet HTML 6Page - PHOENIX CONTACT 1754821 Datasheet HTML 7Page - PHOENIX CONTACT 1754821 Datasheet HTML 8Page - PHOENIX CONTACT 1754821 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 21, number of rows: 1, number of positions: 21, number of connections: 21, product
range: MSTB 2,5/..-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip,
plug-in system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging:
packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Commercial Data
Item number
1754821
Packing unit
1 pc
Minimum order quantity
50 pc
Sales Key
A01
Product Key
AACAFC
Catalog Page
Page 126 (CC-2005)
GTIN
4017918028992
Weight per Piece (including packing)
36.3 g
Weight per Piece (excluding packing)
34.333 g
Customs tariff number
85366990
Country of origin
DE
PCB connector - MSTB 2,5/21-ST
1754821
https://www.phoenixcontact.com/us/products/1754821
Nov 30, 2022, 4:49 AM
Page 1 (22)


Similar Part No. - 1754821

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754827 PHOENIX-1754827 Datasheet
268Kb / 15P
Printed-circuit board connector - FKCN 2,5/ 5-STF-5,08
09/12/2020
More results

Similar Description - 1754821

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754504 PHOENIX-1754504 Datasheet
259Kb / 7P
MSTB 2,5/ 5-ST
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1757200 PHOENIX-1757200 Datasheet
117Kb / 9P
Printed-circuit board connector - MSTB 2,5/21-ST-5,08
1703172 PHOENIX-1703172 Datasheet
358Kb / 14P
Printed-circuit board connector - MSTB 2,5/ 3-ST BKBDWH:21-23
1779602 PHOENIX-1779602 Datasheet
77Kb / 5P
Printed-circuit board connector - FRONT-MSTB 2,5/21-ST
1926390 PHOENIX-1926390 Datasheet
89Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 6-ST BD:21-26
11/05/2018
1161197 PHOENIX-1161197 Datasheet
2Mb / 30P
PCB connector - MSTB 2,5/ 3-ST-5,08 BUBDWH:-S
Jul 20, 2022
1754847 PHOENIX-1754847 Datasheet
1Mb / 21P
PCB connector - MSTB 2,5/22-ST
1792207 PHOENIX-1792207 Datasheet
1Mb / 17P
MVSTBR 2,5/21-ST - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com