Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754821 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 1754821
Description  PCB connector - MSTB 2,5/21-ST
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754821 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 1754821 Datasheet HTML 14Page - PHOENIX CONTACT 1754821 Datasheet HTML 15Page - PHOENIX CONTACT 1754821 Datasheet HTML 16Page - PHOENIX CONTACT 1754821 Datasheet HTML 17Page - PHOENIX CONTACT 1754821 Datasheet HTML 18Page - PHOENIX CONTACT 1754821 Datasheet HTML 19Page - PHOENIX CONTACT 1754821 Datasheet HTML 20Page - PHOENIX CONTACT 1754821 Datasheet HTML 21Page - PHOENIX CONTACT 1754821 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Cable housing
Cable housing - KGS-MSTB 2,5/21 - 1805628
https://www.phoenixcontact.com/us/products/1805628
Cable housing, pitch: 0 mm, number of positions: 21, dimension a: 105 mm,
color: green
Coding profile
Coding profile - CP-MSTB - 1734634
https://www.phoenixcontact.com/us/products/1734634
Coding profile, is inserted into the slot on the plug or inverted header, red
insulating material
PCB connector - MSTB 2,5/21-ST
1754821
https://www.phoenixcontact.com/us/products/1754821
Nov 30, 2022, 4:49 AM
Page 20 (22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com