Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273740 Datasheet (PDF) - PHOENIX CONTACT

3273740 Datasheet PDF - PHOENIX CONTACT
Part # 3273740
Download  3273740 Download
File Size   500.41 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4-NS35A VT

3273740 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273740 Datasheet PDF - PHOENIX CONTACT

Part # 3273740
Download  3273740 Click to download

File Size   500.41 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4-NS35A VT

3273740 Datasheet (HTML) - PHOENIX CONTACT


3273740 Product details

Distribution block, nom. voltage: 800 V, nominal current: 57 A, connection method: Push-in
connection, Line contact, Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, Pushin
connection, Load contact, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2,
mounting type: NS 35/7,5, NS 35/15, color: violet

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273740

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273741 PHOENIX-3273741 Datasheet
500Kb / 19P
Distribution block - PTFIX 10/6X4-NS35A PK
Jul 29, 2022
3273742 PHOENIX-3273742 Datasheet
501Kb / 19P
Distribution block - PTFIX 10/6X4-NS35A OG
Jul 29, 2022
3273744 PHOENIX-3273744 Datasheet
510Kb / 19P
Distribution block - PTFIX 10/6X4-NS35A-FE
Jul 29, 2022
3273746 PHOENIX-3273746 Datasheet
480Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A GY
Jun 13, 2022
3273748 PHOENIX-3273748 Datasheet
481Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A BU
Jun 13, 2022
More results


Similar Description - 3273740

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273806 PHOENIX-3273806 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4 VT
3273734 PHOENIX-3273734 Datasheet
503Kb / 20P
Distribution block - PTFIX 10/6X4-NS35A BN
Jun 16, 2022
3273674 PHOENIX-3273674 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35A VT
Jun 27, 2022
3273728 PHOENIX-3273728 Datasheet
502Kb / 20P
Distribution block - PTFIX 10/6X4-NS35A RD
Jun 13, 2022
3273730 PHOENIX-3273730 Datasheet
502Kb / 19P
Distribution block - PTFIX 10/6X4-NS35A YE
Jul 20, 2022
3273732 PHOENIX-3273732 Datasheet
502Kb / 20P
Distribution block - PTFIX 10/6X4-NS35A GN
Jun 16, 2022
3273742 PHOENIX-3273742 Datasheet
501Kb / 19P
Distribution block - PTFIX 10/6X4-NS35A OG
Jul 29, 2022
3273744 PHOENIX-3273744 Datasheet
510Kb / 19P
Distribution block - PTFIX 10/6X4-NS35A-FE
Jul 29, 2022
3273872 PHOENIX-3273872 Datasheet
566Kb / 21P
Distribution block - PTFIX 10/6X4 VT
Nov 30, 2022
3273608 PHOENIX-3273608 Datasheet
499Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 VT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com