Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273872 Datasheet (PDF) - PHOENIX CONTACT

3273872 Datasheet PDF - PHOENIX CONTACT
Part # 3273872
Download  3273872 Download
File Size   566.91 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4 VT

3273872 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273872 Datasheet PDF - PHOENIX CONTACT

Part # 3273872
Download  3273872 Click to download

File Size   566.91 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4 VT

3273872 Datasheet (HTML) - PHOENIX CONTACT


3273872 Product details

Distribution block, nom. voltage: 450 V, nominal current: 57 A, connection method: Push-in
connection, Line contact, Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, Pushin
connection, Load contact, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2,
mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging,
color: violet




Similar Part No. - 3273872

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273870 PHOENIX-3273870 Datasheet
569Kb / 22P
Distribution block - PTFIX 10/6X4 BK
Jun 16, 2022
3273873 PHOENIX-3273873 Datasheet
565Kb / 21P
Distribution block - PTFIX 10/6X4 PK
Jul 29, 2022
3273874 PHOENIX-3273874 Datasheet
567Kb / 21P
Distribution block - PTFIX 10/6X4 OG
Jul 29, 2022
3273876 PHOENIX-3273876 Datasheet
580Kb / 21P
Distribution block - PTFIX 10/6X4-FE
Jul 29, 2022
3273878 PHOENIX-3273878 Datasheet
546Kb / 22P
Distribution block - PTFIX 10/12X4 GY
Jun 3, 2022
More results


Similar Description - 3273872

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273542 PHOENIX-3273542 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 VT
3273806 PHOENIX-3273806 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4 VT
3273938 PHOENIX-3273938 Datasheet
476Kb / 19P
Distribution block - PTFIX 6X4-G VT
Jun 27, 2022
3273674 PHOENIX-3273674 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35A VT
Jun 27, 2022
3273740 PHOENIX-3273740 Datasheet
500Kb / 19P
Distribution block - PTFIX 10/6X4-NS35A VT
Jul 29, 2022
3273860 PHOENIX-3273860 Datasheet
568Kb / 22P
Distribution block - PTFIX 10/6X4 RD
Jun 22, 2022
3273862 PHOENIX-3273862 Datasheet
567Kb / 21P
Distribution block - PTFIX 10/6X4 YE
Jul 29, 2022
3273873 PHOENIX-3273873 Datasheet
565Kb / 21P
Distribution block - PTFIX 10/6X4 PK
Jul 29, 2022
3274004 PHOENIX-3274004 Datasheet
490Kb / 18P
Distribution block - PTFIX 10/6X4-G VT
Jul 29, 2022
3273608 PHOENIX-3273608 Datasheet
499Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 VT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com