Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3274004 Datasheet (PDF) - PHOENIX CONTACT

3274004 Datasheet PDF - PHOENIX CONTACT
Part # 3274004
Download  3274004 Download
File Size   490.9 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4-G VT

3274004 Datasheet (PDF)

Go To PDF Page Download Datasheet
3274004 Datasheet PDF - PHOENIX CONTACT

Part # 3274004
Download  3274004 Click to download

File Size   490.9 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4-G VT

3274004 Datasheet (HTML) - PHOENIX CONTACT


3274004 Product details

Distribution block, bridged internally, nom. voltage: 450 V, nominal current: 32 A, connection
method: Push-in connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection,
Line contact, Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type:
adhesive, color: violet




Similar Part No. - 3274004

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274000 PHOENIX-3274000 Datasheet
490Kb / 18P
Distribution block - PTFIX 10/6X4-G WH
Jul 29, 2022
3274002 PHOENIX-3274002 Datasheet
495Kb / 19P
Distribution block - PTFIX 10/6X4-G BK
Jun24.2022
3274005 PHOENIX-3274005 Datasheet
490Kb / 18P
Distribution block - PTFIX 10/6X4-G PK
Jul 29, 2022
3274006 PHOENIX-3274006 Datasheet
492Kb / 18P
Distribution block - PTFIX 10/6X4-G OG
Jul 20, 2022
3274008 PHOENIX-3274008 Datasheet
507Kb / 18P
Distribution block - PTFIX 10/6X4-FE-G
Nov 30, 2022
More results


Similar Description - 3274004

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273542 PHOENIX-3273542 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 VT
3273806 PHOENIX-3273806 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4 VT
3274002 PHOENIX-3274002 Datasheet
495Kb / 19P
Distribution block - PTFIX 10/6X4-G BK
Jun24.2022
3273938 PHOENIX-3273938 Datasheet
476Kb / 19P
Distribution block - PTFIX 6X4-G VT
Jun 27, 2022
3273674 PHOENIX-3273674 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35A VT
Jun 27, 2022
3273740 PHOENIX-3273740 Datasheet
500Kb / 19P
Distribution block - PTFIX 10/6X4-NS35A VT
Jul 29, 2022
3273872 PHOENIX-3273872 Datasheet
566Kb / 21P
Distribution block - PTFIX 10/6X4 VT
Nov 30, 2022
3274005 PHOENIX-3274005 Datasheet
490Kb / 18P
Distribution block - PTFIX 10/6X4-G PK
Jul 29, 2022
3273988 PHOENIX-3273988 Datasheet
492Kb / 18P
Distribution block - PTFIX 10/6X4-G GY
3273608 PHOENIX-3273608 Datasheet
499Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 VT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com