Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2815 Datasheet (PDF) - New Japan Radio

NJM2815 Datasheet PDF - New Japan Radio
Part # NJM2815
Download  NJM2815 Download
File Size   416.72 Kbytes
Page   22 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT

NJM2815 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2815 Datasheet PDF - New Japan Radio

Part # NJM2815
Download  NJM2815 Click to download

File Size   416.72 Kbytes
Page   22 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT

NJM2815 Datasheet (HTML) - New Japan Radio


NJM2815 Product details

■ FEATURES
● Output Current 1.0 A
Maximum Output Current 1.5 A
FAULT Detection Current 1.4 A
● Default Output Voltage Accuracy 5.1 V ±1%
● Adjustable Output Voltage 5.15 V ±1.5%
● Output Voltage Correction
VO + 250 mV (typ), 0 mA to 1000 mA at RADJ = 10 kΩ
● Internal Fixed Soft-Start 4 msec (typ)
● Error Flag Output (FAULT)
● Error Flag Output Delay for Hot Plug 1.2 msec (typ)
● ON/OFF Control
● Overcurrent Protection
● Short-Circuit Protection
● Reverse Current Prevention
● Undervoltage Lockout
● Thermal Shutdown Circuit with Hysteresis
● Package HSOP8

■ APPLICATIONS
● Car Audio / Navigation Systems
● Docking Stations
● USB Chargers

■ DESCRIPTION
The NJM2815 is a low dropout regulator with an internal
voltage correction circuit which delivers up to 1.0 A of output
current.
The voltage correction (cable drop compensation) raises the
output voltage in proportion to the load current. This function
corrects the voltage drop due to cable or writing board
resistance.
Unique features, such as overcurrent protection, thermal
shutdown, soft-start and error flag output make the NJM2815
ideal for portable devices charged with USB cable.




Similar Part No. - NJM2815

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2815 NISSHINBO-NJM2815 Datasheet
417Kb / 22P
1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
NJM2815GM1-51A NISSHINBO-NJM2815GM1-51A Datasheet
417Kb / 22P
1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
NJM2815GM1-51B NISSHINBO-NJM2815GM1-51B Datasheet
417Kb / 22P
1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
More results


Similar Description - NJM2815

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
logo
Allegro MicroSystems
SI-3010KM ALLEGRO-SI-3010KM Datasheet
349Kb / 9P
1 A, Low-Dropout, 1.0~16 V Regulator
logo
ON Semiconductor
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
logo
ON Semiconductor
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5661 ONSEMI-NCP5661_14 Datasheet
114Kb / 12P
Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
logo
New Japan Radio
NJM2816 NJRC-NJM2816 Datasheet
410Kb / 21P
1.5 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com