Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2816 Datasheet (PDF) - New Japan Radio

NJM2816 Datasheet PDF - New Japan Radio
Part # NJM2816
Download  NJM2816 Download
File Size   410.63 Kbytes
Page   21 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 1.5 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT

NJM2816 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2816 Datasheet PDF - New Japan Radio

Part # NJM2816
Download  NJM2816 Click to download

File Size   410.63 Kbytes
Page   21 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 1.5 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT

NJM2816 Datasheet (HTML) - New Japan Radio


NJM2816 Product details

■ FEATURES
● Output Current 1.5 A
● Default Output Voltage Accuracy 5.1 V ±0.9%
● Adjustable Output Voltage 5.15 V ±1.2%
● Output Voltage Correction
VO + 375 mV (typ), 0 mA to 1500 mA at RADJ = 10 kΩ
● Internal Fixed Soft-Start 4 msec (typ)
● Error Flag Output (FAULT)
● Error Flag Output Delay for Hot Plug 1.2 msec (typ)
● ON/OFF Control
● Overcurrent Protection
● Short-Circuit Protection
● Reverse Current Prevention
● Undervoltage Lockout
● Thermal Shutdown Circuit with Hysteresis
● Package HSOP8

■ APPLICATIONS
● Car Audio / Car Navigation Systems
● Docking Stations
● USB Chargers

■ DESCRIPTION
The NJM2816 is a low dropout regulator with an internal
voltage correction circuit which delivers up to 1.5 A of output
current.
The voltage correction (cable drop compensation) raises the
output voltage in proportion to the load current. This function
corrects the voltage drop due to cable or writing board
resistance.
Unique features, such as overcurrent protection, thermal
shutdown, soft-start and error flag output make the NJM2816
ideal for portable devices charged with USB cable.




Similar Part No. - NJM2816

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2816 NISSHINBO-NJM2816 Datasheet
411Kb / 21P
1.5 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
NJM2816GM1-51A NISSHINBO-NJM2816GM1-51A Datasheet
411Kb / 21P
1.5 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
More results


Similar Description - NJM2816

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
List of Unclassifed Man...
AMC7587 ETC1-AMC7587 Datasheet
292Kb / 10P
1.5 Low Dropout Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
1.5-A Low Dropout Positive Voltage Regulator
logo
New Japan Radio
NJM2815 NJRC-NJM2815 Datasheet
416Kb / 22P
1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
logo
ON Semiconductor
SCV59748 ONSEMI-SCV59748 Datasheet
214Kb / 10P
Linear Voltage Regulator with Bias Rail, 1.5 A, Very Low Dropout
June, 2020 - Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com