Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2841F012 Datasheet (PDF) - New Japan Radio

NJM2841F012 Datasheet PDF - New Japan Radio
Part # NJM2841F012
Download  NJM2841F012 Download
File Size   161.86 Kbytes
Page   12 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Output Voltage Low Dropout Regulator

NJM2841F012 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2841F012 Datasheet PDF - New Japan Radio

Part # NJM2841F012
Download  NJM2841F012 Click to download

File Size   161.86 Kbytes
Page   12 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Output Voltage Low Dropout Regulator

NJM2841F012 Datasheet (HTML) - New Japan Radio


NJM2841F012 Product details

GENERAL DESCRIPTION
The NJM2841 is a low output voltage, low drop out
regulators.
It delivers up to 500mA output current with the output
voltage of 0.8 to 2.5V.
The use of an external bias voltage can improve the
transient response and the ripple rejection characteristics
while maintaining minimum input to output voltage.

FEATURES
• Output Voltage Range 0.8V to 2.5V
• High Ripple Rejection 86 dB typ. (VO=1.2V version )
• Output Noise Voltage VNO=40μVrms( VO=1.2V version )
• Output Current IO(min)=500mA
• High Precision Output VO±1.0%
• Dual Supply Voltage Type VIN, VBIAS(sequence free)
• High Stability for Load 0.002%/mA (max)
• Output Capacitor with 4.7μF ceramic capacitor
• Low Dropout Voltage 0.1V typ. @IO=300mA
• ON/OFF Control
• Built-in Thermal Overload Protection and Over Current Protection
• Bipolar Technology
• Package Outline SOT-23-5, SOT-89-5




Similar Part No. - NJM2841F012

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2841F012 NISSHINBO-NJM2841F012 Datasheet
162Kb / 12P
Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
More results


Similar Description - NJM2841F012

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
Low Output Voltage, 500mA Low Dropout Linear Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59 Datasheet
570Kb / 20P
Low Dropout, Negative Output Voltage Regulator
2002
logo
Analog Intergrations Co...
AIC1737 AIC-AIC1737 Datasheet
72Kb / 5P
LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
1A Output Current Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-11L10 SII-S-11L10 Datasheet
584Kb / 35P
SUPER-LOW OUTPUT LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Microchip Technology
TC59 MICROCHIP-TC59_13 Datasheet
336Kb / 20P
Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
TC595002ECBTR MICROCHIP-TC595002ECBTR Datasheet
555Kb / 20P
Low Dropout, Negative Output Voltage Regulator
05/01/02
logo
ON Semiconductor
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
1A / 5V Output low dropout voltage regulator;
logo
AiT Semiconductor Inc.
A6318A AITSEMI-A6318A Datasheet
787Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT PROGRAMMABLE OUTPUT
REV1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com