Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL62 Datasheet (PDF) - 3M Electronics

TL62 Datasheet PDF - 3M Electronics
Part # TL62
Download  TL62 Download
File Size   363.8 Kbytes
Page   6 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Scotch-WeldTM Threadlocker Anaerobic Adhesives

TL62 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL62 Datasheet PDF - 3M Electronics

Part # TL62
Download  TL62 Click to download

File Size   363.8 Kbytes
Page   6 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Scotch-WeldTM Threadlocker Anaerobic Adhesives

TL62 Datasheet (HTML) - 3M Electronics


TL62 Product details

Product Description
3MTM Scotch-WeldTM Threadlocker Anaerobic Adhesives are one-component anaerobic adhesives that cure and seal threaded assemblies that meet a wide range of applications to prevent vibration loosening and/or leakage. All products provide excellent vibration, corrosion, and shock resistance. Engineered to provide different strengths, temperatures, nut/bolt sizes, and other requirements, some threadlockers allow removal and meet various selections depending on the specific application.

Specific Features
 3MTM Scotch-WeldTM Threadlocker TL22 is removable with hand tools. It is a low strength (low torque removal) threadlocker for small diameter, fine threaded screws, set screws, nuts, bolts and hex and slot driven components such as keyed fasteners.
 3MTM Scotch-WeldTM Threadlocker TL42 is a general purpose. Removable
with hand tools, medium strength threadlocker ideal for machine tool access
bolts, and hydraulic system bolts. It can also be used on gear box / driveshaft
bolts, bearing cover cap screws, countersunk screws, and conveyor roller bolts.
 3MTM Scotch-WeldTM Threadlocker TL43 is a general purpose, removable with hand tools, medium strength threadlocker for most medium and coarse-threaded screws, nuts and bolts. It is oil tolerant to help secure as-received parts and its thixotropic property prevents run-off, dripping, or migration of the adhesive product when applied on parts.
 3MTM Scotch-WeldTM Threadlocker TL62 is a medium to high strength threadlocker that is especially developed to secure assemblies with high strength retention. It allows disassembly with heat and will perform on lightly oily parts with only approximately 10% strength reduction
 3MTM Scotch-WeldTM Threadlocker TL70 is a high strength threadlocker that locks all metal fasteners and thus prevent vibration loosening and leakage through the applications where maximum strength is needed. TL70 prevents corrosion of assembled parts.
 3MTM Scotch-WeldTM Threadlocker TL71 is a general purpose permanent high strength threadlocker that locks bolts and studs up to 1” in diameter as it seals against leakage and corrosion. Temperature resistance intermittently up to 400oF.
 3MTM Scotch-WeldTM Threadlocker TL72 is a permanent high strength threadlocker to locks bolts and studs up to 1” in diameter. It can be used for high temperature threadlocking (intermittently up to 400oF) and its thixotropic nature prevents dripping or migration of the liquid adhesive after assembly.




Similar Part No. - TL62

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TL62 3M-TL62 Datasheet
21Kb / 4P
Threadlocker Anaerobic Adhesives
Mar-2010
TL62-50 3M-TL62-50 Datasheet
21Kb / 4P
Threadlocker Anaerobic Adhesives
Mar-2010
logo
E-SWITCH
TL6200ABF300QG E-SWITCH-TL6200ABF300QG Datasheet
121Kb / 1P
TERM. NOS. FOR REF ONLY
logo
Transko Electronics, In...
TL6220BV TRANSKO-TL6220BV Datasheet
340Kb / 3P
62.5 MHz IF SAW Filter / 20.5 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL6220DT TRANSKO-TL6220DT Datasheet
349Kb / 3P
62.50 MHz IF SAW Filter / 21.2MHz Bandwidth
Revision 1: 29 Oct. 2007
More results


Similar Description - TL62

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TL62-50 3M-TL62-50 Datasheet
21Kb / 4P
Threadlocker Anaerobic Adhesives
Mar-2010
DP125 3M-DP125 Datasheet
228Kb / 7P
Scotch-WeldTM Epoxy Adhesives
Mar 2019
DP190 3M-DP190 Datasheet
631Kb / 7P
Scotch-WeldTM Epoxy Adhesives
February, 2016
TE040 3M-TE040 Datasheet
319Kb / 6P
Scotch-WeldTM Polyurethane Reactive Adhesives
DP3501 3M-DP3501 Datasheet
286Kb / 6P
3M Scotch-WeldTM Epoxy Adhesives
Mar-2015
RT09 3M-RT09 Datasheet
392Kb / 6P
Scotch-WeldTM Retaining Compound Anaerobic Adhesives
Nov-2016
GM18 3M-GM18 Datasheet
325Kb / 5P
Scotch-WeldTM Gasket Maker Anaerobic Adhesives
Nov-2016
2214 3M-2214 Datasheet
552Kb / 11P
Scotch-WeldTM Epoxy Adhesives
Oct-2018
HP42 3M-HP42 Datasheet
338Kb / 6P
3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
3535 3M-3535 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com