Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL62-50 Datasheet (PDF) - 3M Electronics

TL62-50 Datasheet PDF - 3M Electronics
Part # TL62-50
Download  TL62-50 Download
File Size   21.85 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Threadlocker Anaerobic Adhesives

TL62-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL62-50 Datasheet PDF - 3M Electronics

Part # TL62-50
Download  TL62-50 Click to download

File Size   21.85 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Threadlocker Anaerobic Adhesives

TL62-50 Datasheet (HTML) - 3M Electronics


TL62-50 Product details

Description
3M™ Scotch-Weld™ Threadlocker Anaerobic Adhesives are one-component anaerobic adhesives that cure and seal threaded assemblies that meet a wide range of applications to prevent vibration loosening and/or leakage. All products provide excellent vibration, corrosion, and shock resistance. Engineered to provide different strengths, temperatures, nut/bolt sizes, and other requirements, some threadlockers allow removal and meet various selections depending on the specific application. Technical Data March, 2010 Specific Features • 3M™ Scotch-Weld™ Threadlocker TL22 is removable with hand tools. It is a low strength (low torque removal) threadlocker for small diameter, fine threaded screws, set screws, nuts, bolts, and hex and slot driven components such as keyed fasteners. • 3M™ Scotch-Weld™ Threadlocker TL42 is a general purpose, removable with hand tools, medium strength threadlocker ideal for machine tool access bolts, and hydraulic system bolts. It can also be used on gear box/driveshaft bolts, bearing cover cap screws, countersunk screws, and conveyor roller bolts. • 3M™ Scotch-Weld™ Threadlocker TL43 is a general purpose, removable with hand tools, medium strength threadlocker for most medium and coarse-threaded screws, nuts and bolts. It is oil tolerant to help secure as-received parts and its thixotropic property prevents run-off, dripping, or migration of the adhesive product when applied on parts. • 3M™ Scotch-Weld™ Threadlocker TL62 is a medium to high strength threadlocker that is especially developed to secure assemblies with high strength retention. It allows disassembly with heat and will perform on lightly oily parts with only approximately 10% strength reduction. • 3M™ Scotch-Weld™ Threadlocker TL71 is a general purpose, permanent, high strength threadlocker that locks bolts and studs up to 1" in diameter as it seals against leakage and corrosion. • 3M™ Scotch-Weld™ Threadlocker TL72 is a permanent, high strength threadlocker formulated to lock bolts and studs up to 1" in diameter. It can be used for high temperature threadlocking (intermittently up to 450°F) and its thixotropic nature prevents dripping or migration of the liquid adhesive after assembly. • 3M™ Scotch-Weld™ Threadlocker TL77 is a permanent, high strength, high viscosity threadlocker designed to work well with larger diameter (up to 11/2") and coarse threaded parts. • 3M™ Scotch-Weld™ Threadlocker TL90 is low viscosity to provide a wicking action, medium strength threadlocker that locks and seals small compression and ferrule fittings with service temperature up to 400°F. It is useful for pre-assembled parts. Common Threadlocker

Features
■ Prevent corrosion
■ Shock and vibration resistant
■ Fluorescence
■ Fast setting




Similar Part No. - TL62-50

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TL62 3M-TL62 Datasheet
363Kb / 6P
Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
logo
E-SWITCH
TL6200ABF300QG E-SWITCH-TL6200ABF300QG Datasheet
121Kb / 1P
TERM. NOS. FOR REF ONLY
logo
Transko Electronics, In...
TL6220BV TRANSKO-TL6220BV Datasheet
340Kb / 3P
62.5 MHz IF SAW Filter / 20.5 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL6220DT TRANSKO-TL6220DT Datasheet
349Kb / 3P
62.50 MHz IF SAW Filter / 21.2MHz Bandwidth
Revision 1: 29 Oct. 2007
TL6220ET TRANSKO-TL6220ET Datasheet
647Kb / 4P
62.50 MHz IF SAW Filter / 21.2 MHz Bandwidth
Revision 0: 12 Feb. 2008
More results


Similar Description - TL62-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S1125-KIT-5 MACOM-S1125-KIT-5 Datasheet
96Kb / 8P
Adhesives
logo
3M Electronics
DP-820 3M-DP-820 Datasheet
32Kb / 8P
Acrylic Adhesives
using
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
Scotch-Weld??Acrylic Adhesives
DP100 3M-DP100 Datasheet
539Kb / 8P
Epoxy Adhesives
using
RT09 3M-RT09 Datasheet
392Kb / 6P
Scotch-WeldTM Retaining Compound Anaerobic Adhesives
Nov-2016
GM18 3M-GM18 Datasheet
325Kb / 5P
Scotch-WeldTM Gasket Maker Anaerobic Adhesives
Nov-2016
4224-NF 3M-4224-NF Datasheet
362Kb / 4P
FastbondTM Pressure Sensitive Adhesives
HP42 3M-HP42 Datasheet
338Kb / 6P
3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
Adhesives Selection Guide
2018
logo
3M Electronics
TL22 3M-TL22 Datasheet
363Kb / 6P
Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com