Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1009222 Datasheet (PDF) - PHOENIX CONTACT

1009222 Datasheet PDF - PHOENIX CONTACT
Part # 1009222
Download  1009222 Download
File Size   876.48 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2306-2SFP PN

1009222 Datasheet (PDF)

Go To PDF Page Download Datasheet
1009222 Datasheet PDF - PHOENIX CONTACT

Part # 1009222
Download  1009222 Click to download

File Size   876.48 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2306-2SFP PN

1009222 Datasheet (HTML) - PHOENIX CONTACT


1009222 Product details

Managed Switch 2000, 6 RJ45 ports 10/100/1000 Mbps, 2 SFP ports 100/1000 Mbps,
PROFINET Conformance-Class B, PROFINET mode preset, PROFINET status LEDs, extended
temperature range

Your advantages
• MRP (client and manager)
• VLANs
• DHCP client, DHCP server (pool-based and port-based), DHCP option 82
• RSTP
• Ambient temperature -40 °C ... 70 °C
• Configuration memory
• Slim design
• Web-based management, SNMP
• Easy and fast startup and commissioning with the FL NETWORK MANAGER software
• PROFINET mode preset




Similar Part No. - 1009222

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1009220 PHOENIX-1009220 Datasheet
665Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2308 PN
Dec 2, 2022
More results


Similar Description - 1009222

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702970 PHOENIX-2702970 Datasheet
83Kb / 5P
Industrial Ethernet Switch - FL SWITCH 2306-2SFP
1026765 PHOENIX-1026765 Datasheet
153Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1000T2POEGT-2SFP
09/12/2020
1249598 PHOENIX-1249598 Datasheet
761Kb / 25P
Industrial Ethernet Switch - FL SWITCH 1012NT-2SFP
Nov 16, 2022
1006191 PHOENIX-1006191 Datasheet
889Kb / 26P
Industrial Ethernet Switch - FL SWITCH 2314-2SFP
Dec 2, 2022
1089154 PHOENIX-1089154 Datasheet
1Mb / 33P
Industrial Ethernet Switch - FL SWITCH 2514-2SFP PN
Dec 2, 2022
1031673 PHOENIX-1031673 Datasheet
694Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2316 PN
Dec 2, 2022
1031683 PHOENIX-1031683 Datasheet
888Kb / 26P
Industrial Ethernet Switch - FL SWITCH 2314-2SFP PN
Dec 2, 2022
1044029 PHOENIX-1044029 Datasheet
693Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2216 PN
Dec 2, 2022
1043499 PHOENIX-1043499 Datasheet
1Mb / 33P
Industrial Ethernet Switch - FL SWITCH 2514-2SFP
Dec 2, 2022
1085171 PHOENIX-1085171 Datasheet
887Kb / 29P
Industrial Ethernet Switch - FL SWITCH 1105N-2SFP
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com