Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4113T1 Datasheet (PDF) - New Japan Radio

NJW4113T1 Datasheet PDF - New Japan Radio
Part # NJW4113T1
Download  NJW4113T1 Download
File Size   2126.05 Kbytes
Page   26 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Io=500mA LDO with Watchdog Timer

NJW4113T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4113T1 Datasheet PDF - New Japan Radio

Part # NJW4113T1
Download  NJW4113T1 Click to download

File Size   2126.05 Kbytes
Page   26 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Io=500mA LDO with Watchdog Timer

NJW4113T1 Datasheet (HTML) - New Japan Radio


NJW4113T1 Product details

FEATURES
Wide Operating Voltage Range 4.0V to 40V max.
Low Current Consumption 37μA typ.
High Precision Output Voltage Vo 1.0%(Ta=25 C)
Vo 1.5%(Ta=-40 C to 125 C)
High Precision Detection Voltage VDET 1.0%(Ta=25 C)
VDET 2.0%( Ta=-40 C to 125 C)
Output Current Io(min.)=500mA
Adjustable Detection Voltage with external resistor
Setting WDT Monitor Time, WDT Reset Time and Output Delay Hold Time with external capacitor
Watchdog Timer Enable Function
Correspond to Low ESR capacitor (MLCC)
Thermal shutdown circuit
Over Current Protection
Package Outline HSOP8




Similar Part No. - NJW4113T1

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJW4113-T1 NISSHINBO-NJW4113-T1 Datasheet
2Mb / 26P
Io=500mA LDO with Watchdog Timer
Ver.2018-06-19
NJW4113GM1 NISSHINBO-NJW4113GM1 Datasheet
2Mb / 26P
Io=500mA LDO with Watchdog Timer
Ver.2018-06-19
NJW4113GM1-A41-T1 NISSHINBO-NJW4113GM1-A41-T1 Datasheet
2Mb / 26P
Io=500mA LDO with Watchdog Timer
Ver.2018-06-19
NJW4113GM1-A46-T1 NISSHINBO-NJW4113GM1-A46-T1 Datasheet
2Mb / 26P
Io=500mA LDO with Watchdog Timer
Ver.2018-06-19
NJW4113GM1-B03-T1 NISSHINBO-NJW4113GM1-B03-T1 Datasheet
2Mb / 26P
Io=500mA LDO with Watchdog Timer
Ver.2018-06-19
More results


Similar Description - NJW4113T1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
20-Jan-1998
logo
RICOH electronics devic...
R5102V RICOH-R5102V Datasheet
135Kb / 13P
LDO Regulators with a Watchdog Timer?
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
Watchdog Timer
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
logo
New Japan Radio
NJW4116T1 NJRC-NJW4116T1 Datasheet
1Mb / 13P
Io=500mA LDO with Reset function
Ver.2016-04-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com