Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4116T1 Datasheet (PDF) - New Japan Radio

NJW4116T1 Datasheet PDF - New Japan Radio
Part # NJW4116T1
Download  NJW4116T1 Download
File Size   1279.32 Kbytes
Page   13 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Io=500mA LDO with Reset function

NJW4116T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4116T1 Datasheet PDF - New Japan Radio

Part # NJW4116T1
Download  NJW4116T1 Click to download

File Size   1279.32 Kbytes
Page   13 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Io=500mA LDO with Reset function

NJW4116T1 Datasheet (HTML) - New Japan Radio


NJW4116T1 Product details

FEATURES
Wide Operating Voltage Range 4.0V to 40V
Low Current Consumption 55μA typ.
High Precision Output Voltage Vo 1.0%(Ta=25 C)
Vo 2.0%(Ta=-40 to +125 C)
High Precision Detection Voltage VDET 1.0%(Ta=25 C)
VDET 2.0%( Ta=-40 to +125 C)
Output Current Io(min.)=500mA
Adjustable RESET Output Delay Hold Time with external capacitor
Correspond to Low ESR capacitor (MLCC)
Thermal Shutdown Protection
Over Current Protection
Package Outline TO-252-5




Similar Part No. - NJW4116T1

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJW4116-T1 NISSHINBO-NJW4116-T1 Datasheet
1Mb / 13P
Io=500mA LDO with Reset function
Ver.2016-04-05
NJW4116DL3-A41-T1 NISSHINBO-NJW4116DL3-A41-T1 Datasheet
1Mb / 13P
Io=500mA LDO with Reset function
Ver.2016-04-05
NJW4116DL3-A46-T1 NISSHINBO-NJW4116DL3-A46-T1 Datasheet
1Mb / 13P
Io=500mA LDO with Reset function
Ver.2016-04-05
NJW4116DL3-B03-T1 NISSHINBO-NJW4116DL3-B03-T1 Datasheet
1Mb / 13P
Io=500mA LDO with Reset function
Ver.2016-04-05
More results


Similar Description - NJW4116T1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A Datasheet
1Mb / 28P
Dual LDO with Microcontroller RESET Function
2005
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
LDO Regulator with Reset
R5511X RICOH-R5511X Datasheet
490Kb / 17P
LDO REGULATOR with RESET
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
Dual LDO Regulator with Reset Function
RT9186A RICHTEK-RT9186A Datasheet
209Kb / 13P
Low Profile 500mA LDO with Enable and Power Good/Reset
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
300mA CMOS LDO with RESET Function
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
Dual LDO with Microcontroller RESET Function
2008
TC1301B-DAAVUATR MICROCHIP-TC1301B-DAAVUATR Datasheet
665Kb / 28P
Dual LDO with Microcontroller RESET Function
01/02/08
logo
Fitipower Integrated Te...
FP6142 FITIPOWER-FP6142 Datasheet
488Kb / 10P
500mA Low Noise LDO with Soft-Start and Output Discharge Function
logo
New Japan Radio
NJW4113T1 NJRC-NJW4113T1 Datasheet
2Mb / 26P
Io=500mA LDO with Watchdog Timer
Ver.2018-06-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com