Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJD12P06 Datasheet (PDF) - Pan Jit International Inc.

PJD12P06 Datasheet PDF - Pan Jit International Inc.
Part # PJD12P06
Download  PJD12P06 Download
File Size   844.01 Kbytes
Page   8 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V P-Channel Enhancement Mode MOSFET

PJD12P06 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJD12P06 Datasheet PDF - Pan Jit International Inc.

Part # PJD12P06
Download  PJD12P06 Click to download

File Size   844.01 Kbytes
Page   8 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V P-Channel Enhancement Mode MOSFET

PJD12P06 Datasheet (HTML) - Pan Jit International Inc.


PJD12P06 Product details

Features
 RDS(ON), VGS@-10V, ID@-6A<155mΩ
 High switching speed
 Improved dv/dt capability
 Low Gate Charge
 Low reverse transfer capacitance
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : TO-251AA ,TO-252AA Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 TO-251AA Approx. Weight : 0.0104 ounces, 0.297grams
 TO-252AA Approx. Weight : 0.0104 ounces, 0.297grams




Similar Part No. - PJD12P06

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD12P06-AU PANJIT-PJD12P06-AU Datasheet
834Kb / 7P
60V P-Channel Enhancement Mode MOSFET
April 25,2019-REV.00
PJD12P06-AU_L2_000A1 PANJIT-PJD12P06-AU_L2_000A1 Datasheet
834Kb / 7P
60V P-Channel Enhancement Mode MOSFET
April 25,2019-REV.00
More results


Similar Description - PJD12P06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com