Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJD12P06 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJD12P06
Description  60V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJD12P06 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJD12P06 Datasheet HTML 1Page - Pan Jit International Inc. PJD12P06 Datasheet HTML 2Page - Pan Jit International Inc. PJD12P06 Datasheet HTML 3Page - Pan Jit International Inc. PJD12P06 Datasheet HTML 4Page - Pan Jit International Inc. PJD12P06 Datasheet HTML 5Page - Pan Jit International Inc. PJD12P06 Datasheet HTML 6Page - Pan Jit International Inc. PJD12P06 Datasheet HTML 7Page - Pan Jit International Inc. PJD12P06 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PPJU12P06 / PJD12P06
April 14,2017-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250uA
-60
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-2.0
-2.86
-4.0
Drain-Source On-State Resistance
RDS(on)
VGS=-10V, ID=-6A
-
132
155
m
Ω
Zero Gate Voltage Drain Current
IDSS
VDS=-60V, VGS=0V
-
-
-1.0
uA
Gate-Source Leakage Current
IGSS
VGS=+20V, VDS=0V
-
-
+100
nA
Dynamic
(Note 7)
Total Gate Charge
Qg
VDS=-48V, ID=-12A,
VGS=-10V
(Note 2,3)
-
10.9
-
nC
Gate-Source Charge
Qgs
-
2.7
-
Gate-Drain Charge
Qgd
-
4.0
-
Input Capacitance
Ciss
VDS=-25V, VGS=0V,
f=1.0MHZ
-
385
-
pF
Output Capacitance
Coss
-
158
-
Reverse Transfer Capacitance
Crss
-
31
-
Turn-On Delay Time
td(on)
VDS=-30V, ID=-12A,
VGS=-10V, RG=6Ω
(Note 2,3)
-
4.4
-
ns
Turn-On Rise Time
tr
-
59
-
Turn-Off Delay Time
td(off)
-
20
-
Turn-Off Fall Time
tf
-
36
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
-12
A
Diode Forward Voltage
VSD
IS=-1A, VGS=0V
-
-0.75
-1
V
Reverse Recovery Time
trr
VGS=0V, IS=-12A
dIF/ dt=100A/us
(Note 2)
-
37
-
ns
Reverse Recovery Charge
Qrr
-
67
-
nC
NOTES :
1.
Pulse width<300us, Duty cycle<2%
2.
Essentially independent of operating temperature typical characteristics
3.
Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and
duty cycles to keep initial TJ =25°C.
4.
The maximum current rating is package limited
5.
RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins. Mounted on a 1 inch
2 with 2oz.square pad of copper
6.
L=3mH, IAS=-15A, VGS=-10V, VDS=-25V, RG=25 ohm, Starting TJ=25
oC
7.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com