Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T10 Datasheet (PDF) - Littelfuse

T10 Datasheet PDF - Littelfuse
Part # T10
Download  T10 Download
File Size   177.69 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Solid-State On-Delay Timer

T10 Datasheet (PDF)

Go To PDF Page Download Datasheet
T10 Datasheet PDF - Littelfuse

Part # T10
Download  T10 Click to download

File Size   177.69 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Solid-State On-Delay Timer

T10 Datasheet (HTML) - Littelfuse


T10 Product details

Description
The T10 series on-delay timer is a solid-state electronic device
that provides accurate and reliable timing for control circuits up
to 460 V ac. The T10 features a user-selectable time delay from
6 seconds to 10 minutes (0.5 to 12 seconds on the T10S400
model) and SPDT output contacts. When power is applied to the
T10, it immediately begins its timing cycle. During this time, the
indicator LED alternates between red and green and the output
contacts remain inactive. When the timing cycle is complete,
the indicator LED turns solid green and the output contacts are
activated. The output contacts will remain activated until power
is removed from the T10.
The SPDT contact ratings are 480 V @ 240 V ac on the 115 V and
230 V models, and 470 VA @ 600 V ac on the 460 V model.

Features & Benefits
g Status LED
g 600 V control relay on 460 V models




Similar Part No. - T10

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
Measures differential, gage pressure, or vacuum
logo
List of Unclassifed Man...
T10-10 ETC2-T10-10 Datasheet
99Kb / 1P
STA-KON Copper Tube Terminals
logo
Trumeter Technologies
T10-4017A TRUMETER-T10-4017A Datasheet
1Mb / 2P
Electromechanical Totalizer
02/2020
T10-4017B TRUMETER-T10-4017B Datasheet
1Mb / 2P
Electromechanical Totalizer
02/2020
T10-4017C TRUMETER-T10-4017C Datasheet
1Mb / 2P
Electromechanical Totalizer
02/2020
More results


Similar Description - T10

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y92F-40 OMRON-Y92F-40 Datasheet
1,000Kb / 7P
Solid-state Timer
H3Y OMRON-H3Y Datasheet
149Kb / 8P
Solid-state Timer
H3CR OMRON-H3CR Datasheet
2Mb / 61P
Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
Solid-state Timer
logo
Littelfuse
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
TDM LITTELFUSE-TDM Datasheet
332Kb / 2P
Delay-on-Make Timer
2021 Rev: 1-B-030121
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com