Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDUB Datasheet (PDF) - Littelfuse

TDUB Datasheet PDF - Littelfuse
Part # TDUB
Download  TDUB Download
File Size   419.69 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Delay-on-Break Timer

TDUB Datasheet (PDF)

Go To PDF Page Download Datasheet
TDUB Datasheet PDF - Littelfuse

Part # TDUB
Download  TDUB Click to download

File Size   419.69 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Delay-on-Break Timer

TDUB Datasheet (HTML) - Littelfuse


TDUB Product details

Description
The TDUB Series combines digital timing circuitry with universal
voltage operation. Voltages of 24 to 240VAC and 12 to 24VDC
are available in three ranges. The TDUB Series offers DIP switch
selectable time delays ranging from 0.1 seconds to 102.3
minutes in three ranges. Its 1A rated output, ability to operate
on multiple voltages, and wide range of switch selectable time
delays make the TDUB Series an excellent choice for process
control systems and OEM equipment.
Operation (Delay-on-Break)
Input voltage must be applied before and during timing.
Upon closure of the initiate switch, the output energizes. The
time delay begins when the initiate switch is opened (trailing
edge triggered). The output remains energized during timing.
At the end of the time delay, the output de-energizes. The output
will energize if the initiate switch is closed when input voltage is
applied.
Reset: Reclosing the initiate switch during timing resets the time
delay. Loss of input voltage resets the time delay and output.

FEATURES BENEFITS
Dip Switch Timing
Adjustment Provides setting accuracy of +/-2%
User selectable
time delay
Timing settings are switch selectable 0.1s - 102.3m
in three ranges for added flexibility
1A steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity.




Similar Part No. - TDUB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
Automatic Timing & Cont...
TDU ATC-TDU Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DKA ATC-TDU-12-DKA Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DKB ATC-TDU-12-DKB Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DLA ATC-TDU-12-DLA Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
More results


Similar Description - TDUB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRDB LITTELFUSE-HRDB Datasheet
643Kb / 2P
Delay-on-Break Timer
2016 Rev: 1-A-062116
HRPS LITTELFUSE-HRPS Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TDB LITTELFUSE-TDB Datasheet
386Kb / 2P
DELAY-ON-BREAK
2021 Rev: 1-B-030121
TDM LITTELFUSE-TDM Datasheet
332Kb / 2P
Delay-on-Make Timer
2021 Rev: 1-B-030121
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com