Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1917 Datasheet (PDF) - PerkinElmer Optoelectronics

LC1917 Datasheet PDF - PerkinElmer Optoelectronics
Part # LC1917
Download  LC1917 Download
File Size   647.2 Kbytes
Page   6 Pages
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics
Description Low-Profile Analog Line Scan Camera

LC1917 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC1917 Datasheet PDF - PerkinElmer Optoelectronics

Part # LC1917
Download  LC1917 Click to download

File Size   647.2 Kbytes
Page   6 Pages
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics
Description Low-Profile Analog Line Scan Camera

LC1917 Datasheet (HTML) - PerkinElmer Optoelectronics


LC1917 Product details

Description
In the LC1917 analog line scan camera, PerkinElmer has combined the best features of photodiode array detection, high-speed charge-coupled scanning, and analog line scan camera technology to offer an uncompromising solution to the increasing demands of advanced imaging applications.

Features
• 5 MHz output rate
• Geometrically precise 14 µm square pixel CCD
• Small size: 0.75”H x 2”W x 3.077”L
• High dynamic range (2500:1)
• Antiblooming control
• CE Mark
• Adjustable gain and dark offset levels
• Line scan rates to 4.7 kHz
• Differential digital I/O signals for electrical noise immunity




Similar Part No. - LC1917

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC191 SEOUL-LC191 Datasheet
376Kb / 14P
INFRARED LAMP LED
LC191 SEOUL-LC191 Datasheet
360Kb / 13P
CYAN LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
378Kb / 14P
RED LAMP LED
More results


Similar Description - LC1917

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
High Performance, Low-Cost Analog Line Scan Camera
logo
Hamamatsu Corporation
C4880-80 HAMAMATSU-C4880-80 Datasheet
79Kb / 2P
Fast scan multi format Cooled CCD Camera
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
X-Ray Line Sensor Camera
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
PROGRESSIVE SCAN CAMERA MODULE
logo
List of Unclassifed Man...
SAD4096 ETC-SAD4096 Datasheet
180Kb / 7P
ANALOG DELAY LINE
logo
Gamewell-FCI by Honeywe...
ASD-LS GAMEWELL-FCI-ASD-LS Datasheet
58Kb / 2P
Low Profile Analog Laser Sensor
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
LOW PROFILE LINE MATCHING TRANSFORMER
logo
Hamamatsu Corporation
C10854 HAMAMATSU-C10854_15 Datasheet
596Kb / 7P
Near infrared line camera (Line rate: 31.25 kHz)
logo
ETAL Group
9025 ETAL-9025 Datasheet
166Kb / 4P
LOW PROFILE LINE MATCHING TRANSFORMER
logo
ams AG
4LS AMSCO-4LS Datasheet
3Mb / 115P
4LS15K, 4LS10K and 4LS5K Line Scan Sensors
v3-01 2022-Nov-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com