Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1873320 Datasheet (PDF) - PHOENIX CONTACT

1873320 Datasheet PDF - PHOENIX CONTACT
Part # 1873320
Download  1873320 Download
File Size   837.4 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - FKC 2,5/14-STF-5,08

1873320 Datasheet (PDF)

Go To PDF Page Download Datasheet
1873320 Datasheet PDF - PHOENIX CONTACT

Part # 1873320
Download  1873320 Click to download

File Size   837.4 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - FKC 2,5/14-STF-5,08

1873320 Datasheet (HTML) - PHOENIX CONTACT


1873320 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 14, number of rows: 1, number of positions: 14, number of connections: 14, product
range: FKC 2,5/..-STF, pitch: 5.08 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON
MSTB 2,5, locking: Screw locking, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive use through colour coded actuation lever
• Quick and convenient testing using integrated test option
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1873320

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
187332 FESTO-187332 Datasheet
120Kb / 2P
Proportional pressure control valve
More results


Similar Description - 1873320

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873346 PHOENIX-1873346 Datasheet
407Kb / 13P
FKC 2,5/16-STF-5,08
1873333 PHOENIX-1873333 Datasheet
140Kb / 6P
FKC 2,5/15-STF-5,08
1903397 PHOENIX-1903397 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/14-STF-5,08-EX
1873294 PHOENIX-1873294 Datasheet
140Kb / 6P
FKC 2,5/11-STF-5,08
1942484 PHOENIX-1942484 Datasheet
806Kb / 20P
PCB connector - FKC 2,5 HC/ 2-STF-5,08
Jan 10, 2023
1942565 PHOENIX-1942565 Datasheet
819Kb / 20P
PCB connector - FKC 2,5 HC/10-STF-5,08
Jan 3, 2023
1873317 PHOENIX-1873317 Datasheet
824Kb / 16P
PCB connector - FKC 2,5/13-STF-5,08
Jan 5, 2023
1861580 PHOENIX-1861580 Datasheet
397Kb / 13P
PCB connector - FKCOR 2,5/14-STF-5,08
1835216 PHOENIX-1835216 Datasheet
642Kb / 15P
MVSTBR 2,5/14-STF-5,08 - PCB connector
1942507 PHOENIX-1942507 Datasheet
757Kb / 20P
FKC 2,5 HC/ 4-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com