Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2800-18YML Datasheet (PDF) - Micrel Semiconductor

MIC2800-18YML Datasheet PDF - Micrel Semiconductor
Part # MIC2800-18YML
Download  MIC2800-18YML Download
File Size   638.89 Kbytes
Page   21 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs

MIC2800-18YML Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2800-18YML Datasheet PDF - Micrel Semiconductor

Part # MIC2800-18YML
Download  MIC2800-18YML Click to download

File Size   638.89 Kbytes
Page   21 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs

MIC2800-18YML Datasheet (HTML) - Micrel Semiconductor


MIC2800-18YML Product details

General Description
The MIC2800 is a high performance power management IC, giving three output voltages with maximum efficiency. Integrating a 2MHz DC/DC converter with an LDO post regulator, the MIC2800 gives two high efficiency outputs with a second, 300mA LDO for maximum flexibility. The MIC2800 features a LOWQ® mode, reducing the total current draw while in this mode to less than 30µA. In LOWQ® mode, the output noise of the DC to DC converter is 75µVRMS, significantly lower than other converters which use a PFM light load mode that can interfere with sensitive RF circuitry.

Features
• 2.7V to 5.5V input voltage range
• 2MHz DC/DC converter and two stand-alone LDOs
    – LDO1: Low input voltage is powered directly from DC/DC converter for highest efficiency
• Integrated power-on reset (OR function for all outputs)
    – Adjustable delay time
• LOWQ® mode
    – 30µA Total IQ when in LOWQ® mode
• Tiny 16-pin 3mm x 3mm MLF® package

DC to DC Converter
• Output current to 600mA in PWM mode
• LOWQ® Mode: NO NOISE Light load mode
    – 75µVRMS output noise in LOWQ® mode
• 2MHz PWM operation in normal mode
• >90% efficiency

LDOs
• LDO1 input voltage directly connected to DC/DC converter output voltage for maximum efficiency
    – Ideal for 1.8V to 1.5V conversion
    – 300mA output current from 1.8V input
    – Output voltage down to 0.8V
• LDO2 – 300mA output current capable
• Thermal Shutdown Protection
• Current Limit Protection

Applications
• Mobile phones
• PDAs
• GPS receivers
• Digital still cameras
• Portable media players




Similar Part No. - MIC2800-18YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2800-1.8/1.2/2.5YML MICREL-MIC2800-1.8/1.2/2.5YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.2/2.6YML MICREL-MIC2800-1.8/1.2/2.6YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.2/2.8YML MICREL-MIC2800-1.8/1.2/2.8YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.2/3.3YML MICREL-MIC2800-1.8/1.2/3.3YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.5/2.8YML MICREL-MIC2800-1.8/1.5/2.8YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
More results


Similar Description - MIC2800-18YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2807 MICREL-MIC2807 Datasheet
430Kb / 17P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
583Kb / 13P
300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC2808 MICREL-MIC2808 Datasheet
482Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564_11 Datasheet
510Kb / 13P
300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC2811 MICREL-MIC2811_08 Datasheet
465Kb / 17P
Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2810 MICREL-MIC2810_08 Datasheet
514Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2807 MICREL-MIC2807_08 Datasheet
437Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
MIC2800 MICREL-MIC2800_07 Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com