Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HCT244 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN54HCT244 Datasheet PDF - Texas Instruments
Part # SN54HCT244
Download  SN54HCT244 Download
File Size   1514.24 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SNx4HCT244 Octal Buffers and Line Drivers With 3-State Outputs

SN54HCT244 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HCT244 Datasheet PDF - Texas Instruments

Part # SN54HCT244
Download  SN54HCT244 Click to download

File Size   1514.24 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SNx4HCT244 Octal Buffers and Line Drivers With 3-State Outputs

SN54HCT244 Datasheet (HTML) - Texas Instruments


SN54HCT244 Product details

1 Features
• Operating Voltage Range of 4.5 V to 5.5 V
• High-Current Outputs Drive up to 15 LSTTL Loads
• Low Power Consumption: 80-μA Maximum ICC
• Typical tpd = 13 ns
• ±6-mA Output Drive at 5 V
• Low Input Current of 1 μA Maximum
• Inputs Are TTL-Voltage Compatible
• 3-State Outputs Drive Bus Lines and Buffer
Memory Address Registers

2 Applications
• Servers
• LED Displays
• Network Switches
• Telecom Infrastructure
• Motor Drivers
• I/O Expanders

3 Description
These octal buffers and line drivers are designed
specifically to improve both the performance
and density of 3-state memory address drivers,
clockdrivers, and bus-oriented receivers and
transmitters. The SNx4HCT244 devices are organized
as two 4-bit buffers or drivers with separate outputenable
(OE) inputs. When OE is low, the device
passes noninverted data from the A inputs to the Y
outputs. When OE is high, the outputs are in the highimpedance
state.




Similar Part No. - SN54HCT244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244 Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI2-SN54HCT244 Datasheet
337Kb / 12P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
JANUARY 2004
SN54HCT244 TI2-SN54HCT244 Datasheet
827Kb / 17P
SN74HCT244-Q1 Octal Buffer and Line Driver With 3-State Outputs
REVISED JUNE 2022
SN54HCT244-SP TI1-SN54HCT244-SP Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN54HCT244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS240 TI-SN74LS240 Datasheet
936Kb / 28P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_08 Datasheet
635Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540 Datasheet
131Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com