Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HCT244 Datasheet (PDF) - Texas Instruments

SN54HCT244 Datasheet PDF - Texas Instruments
Part # SN54HCT244
Download  SN54HCT244 Download
File Size   827.7 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HCT244-Q1 Octal Buffer and Line Driver With 3-State Outputs

SN54HCT244 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HCT244 Datasheet PDF - Texas Instruments

Part # SN54HCT244
Download  SN54HCT244 Click to download

File Size   827.7 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HCT244-Q1 Octal Buffer and Line Driver With 3-State Outputs

SN54HCT244 Datasheet (HTML) - Texas Instruments


SN54HCT244 Product details

1 Features
• Qualified for automotive applications
• ESD protection exceeds 1000 V per MIL-STD-883,
Method 3015; exceeds 200 V using machine
model (C = 200 pF, R = 0)
• Operating voltage range of 4.5 V to 5.5 V
• High-current outputs drive up to 15 LSTTL loads
• Low power consumption, 80-μA max ICC
• Typical tpd = 13 ns
• ±6-mA output drive at 5 V
• Low input current of 1 μA max
• Inputs are TTL-voltage compatible
• 3-state outputs drive bus lines or buffer memory
address registers

2 Description
This octal buffer and line driver is designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers, and bus-oriented receivers and transmitters.
The ’HCT244 device is organized as two 4-bit buffers/
drivers with separate output-enable (OE) inputs.
When OE is low, the device passes noninverted data
from the A inputs to the Y outputs. When OE is high,
the outputs are in the high-impedance state.




Similar Part No. - SN54HCT244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244 Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
1Mb / 34P
SNx4HCT244 Octal Buffers and Line Drivers With 3-State Outputs
REVISED DECEMBER 2022
SN54HCT244 TI2-SN54HCT244 Datasheet
337Kb / 12P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
JANUARY 2004
SN54HCT244-SP TI1-SN54HCT244-SP Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN54HCT244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
Octal Buffer and Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74HC244-EP TI1-SN74HC244-EP Datasheet
608Kb / 14P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HCT244-EP TI1-SN74HCT244-EP Datasheet
499Kb / 10P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-Q1 TI1-SN74HC244-Q1 Datasheet
278Kb / 11P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74ALS1240 TI1-SN74ALS1240 Datasheet
95Kb / 5P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HCT244-Q1 TI1-SN74HCT244-Q1 Datasheet
182Kb / 8P
OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com