Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273832 Datasheet (PDF) - PHOENIX CONTACT

3273832 Datasheet PDF - PHOENIX CONTACT
Part # 3273832
Download  3273832 Download
File Size   564.3 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X4-FE

3273832 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273832 Datasheet PDF - PHOENIX CONTACT

Part # 3273832
Download  3273832 Click to download

File Size   564.3 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X4-FE

3273832 Datasheet (HTML) - PHOENIX CONTACT


3273832 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 450 V, nominal
current: 32 A, connection method: Push-in connection, cross section: 0.2 mm2 - 6 mm2,
mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging,
color: black/yellow

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging




Similar Part No. - 3273832

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273830 PHOENIX-3273830 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4 OG
3273834 PHOENIX-3273834 Datasheet
552Kb / 21P
Distribution block - PTFIX 18X4 GY
Jul 20, 2022
3273836 PHOENIX-3273836 Datasheet
68Kb / 4P
Distribution block - PTFIX 18X4 BU
3273838 PHOENIX-3273838 Datasheet
68Kb / 4P
Distribution block - PTFIX 18X4 RD
More results


Similar Description - 3273832

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273816 PHOENIX-3273816 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4 RD
3273820 PHOENIX-3273820 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4 GN
3273964 PHOENIX-3273964 Datasheet
70Kb / 4P
Distribution block - PTFIX 12X4-FE-G
3273814 PHOENIX-3273814 Datasheet
557Kb / 22P
Distribution block - PTFIX 12X4 BU
Jun 22, 2022
3273568 PHOENIX-3273568 Datasheet
490Kb / 20P
Distribution block - PTFIX 12X4-NS35-FE
Jun 29, 2022
3273700 PHOENIX-3273700 Datasheet
490Kb / 19P
Distribution block - PTFIX 12X4-NS35A-FE
Jul 20, 2022
3273766 PHOENIX-3273766 Datasheet
486Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A-FE
Jul 20, 2022
3274030 PHOENIX-3274030 Datasheet
483Kb / 18P
Distribution block - PTFIX 10/12X4-FE-G
Nov 30, 2022
3273634 PHOENIX-3273634 Datasheet
485Kb / 19P
Distribution block - PTFIX 10/12X4-NS35-FE
Sep 8, 2022
3273898 PHOENIX-3273898 Datasheet
556Kb / 21P
Distribution block - PTFIX 10/12X4-FE
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com