Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1863026 Datasheet (PDF) - PHOENIX CONTACT

1863026 Datasheet PDF - PHOENIX CONTACT
Part # 1863026
Download  1863026 Download
File Size   318.05 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MCVW 1,5/ 4-STF-3,5

1863026 Datasheet (PDF)

Go To PDF Page Download Datasheet
1863026 Datasheet PDF - PHOENIX CONTACT

Part # 1863026
Download  1863026 Click to download

File Size   318.05 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MCVW 1,5/ 4-STF-3,5

1863026 Datasheet (HTML) - PHOENIX CONTACT


1863026 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: MCVW 1,5/.
.-STF, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: -90 °, number of solder pins per potential:
1, plug-in system: COMBICON MC 1,5, locking: Screw locking, mounting: Screw flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Screwable flange for superior mechanical stability




Similar Part No. - 1863026

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1863020000 WEIDMULLER-1863020000 Datasheet
188Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
More results


Similar Description - 1863026

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1863068 PHOENIX-1863068 Datasheet
546Kb / 9P
Printed-circuit board connector - MCVW 1,5/ 8-STF-3,5
02/04/2022
1863097 PHOENIX-1863097 Datasheet
179Kb / 11P
Printed-circuit board connector - MCVW 1,5/11-STF-3,5
09/12/2020
1862904 PHOENIX-1862904 Datasheet
357Kb / 11P
PCB connector - MCVW 1,5/ 7-ST-3,5
Jan 3, 2023
1863084 PHOENIX-1863084 Datasheet
348Kb / 10P
PCB connector - MCVW 1,5/10-STF-3,5
Jan 3, 2023
1828540 PHOENIX-1828540 Datasheet
374Kb / 11P
PCB connector - MCVW 1,5/ 7-STF-3,81
Jan 10, 2023
1828618 PHOENIX-1828618 Datasheet
372Kb / 11P
PCB connector - MCVW 1,5/14-STF-3,81
Jan 5, 2023
1828498 PHOENIX-1828498 Datasheet
373Kb / 11P
PCB connector - MCVW 1,5/ 2-STF-3,81
Jan 4, 2023
1863013 PHOENIX-1863013 Datasheet
351Kb / 10P
PCB connector - MCVW 1,5/ 3-STF-3,5
Jan 10, 2023
1863149 PHOENIX-1863149 Datasheet
643Kb / 14P
MCVW 1,5/16-STF-3,5 - PCB connector
1863039 PHOENIX-1863039 Datasheet
648Kb / 14P
MCVW 1,5/ 5-STF-3,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com