Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1828618 Datasheet (PDF) - PHOENIX CONTACT

1828618 Datasheet PDF - PHOENIX CONTACT
Part # 1828618
Download  1828618 Download
File Size   372.75 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MCVW 1,5/14-STF-3,81

1828618 Datasheet (PDF)

Go To PDF Page Download Datasheet
1828618 Datasheet PDF - PHOENIX CONTACT

Part # 1828618
Download  1828618 Click to download

File Size   372.75 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MCVW 1,5/14-STF-3,81

1828618 Datasheet (HTML) - PHOENIX CONTACT


1828618 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of potentials: 14,
number of rows: 1, number of positions: 14, number of connections: 14, product range: MCVW
1,5/..-STF, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, conductor/PCB connection direction: -90 °, number of solder pins per
potential: 1, plug-in system: COMBICON MC 1,5, locking: Screw locking, mounting: Screw
flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Screwable flange for superior mechanical stability




Similar Part No. - 1828618

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1828619-1 TEC-1828619-1 Datasheet
314Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1828619-2 TEC-1828619-2 Datasheet
314Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 1828618

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827091 PHOENIX-1827091 Datasheet
151Kb / 6P
MCVW 1,5/14-ST-3,81
1828566 PHOENIX-1828566 Datasheet
115Kb / 8P
Printed-circuit board connector - MCVW 1,5/ 9-STF-3,81
1849162 PHOENIX-1849162 Datasheet
594Kb / 13P
PCB connector - LPC 1,5/14-STF-3,81
Jul 20, 2022
1851355 PHOENIX-1851355 Datasheet
1Mb / 19P
PCB connector - FK-MCP 1,5/14-STF-3,81
Jan 3, 2023
1863026 PHOENIX-1863026 Datasheet
318Kb / 9P
PCB connector - MCVW 1,5/ 4-STF-3,5
Jan 3, 2023
1828540 PHOENIX-1828540 Datasheet
374Kb / 11P
PCB connector - MCVW 1,5/ 7-STF-3,81
Jan 10, 2023
1828498 PHOENIX-1828498 Datasheet
373Kb / 11P
PCB connector - MCVW 1,5/ 2-STF-3,81
Jan 4, 2023
1863013 PHOENIX-1863013 Datasheet
351Kb / 10P
PCB connector - MCVW 1,5/ 3-STF-3,5
Jan 10, 2023
1863149 PHOENIX-1863149 Datasheet
643Kb / 14P
MCVW 1,5/16-STF-3,5 - PCB connector
1863039 PHOENIX-1863039 Datasheet
648Kb / 14P
MCVW 1,5/ 5-STF-3,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com