Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1SPHY Datasheet (PDF) - ON Semiconductor

T1SPHY Datasheet PDF - ON Semiconductor
Part # T1SPHY
Download  T1SPHY Download
File Size   454.87 Kbytes
Page   57 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 10 Mb/s Industrial Ethernet MAC PHY IC Controller

T1SPHY Datasheet (PDF)

Go To PDF Page Download Datasheet
T1SPHY Datasheet PDF - ON Semiconductor

Part # T1SPHY
Download  T1SPHY Click to download

File Size   454.87 Kbytes
Page   57 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 10 Mb/s Industrial Ethernet MAC PHY IC Controller

T1SPHY Datasheet (HTML) - ON Semiconductor


T1SPHY Product details

The NCN26010 device is an IEEE 802.3cg compliant Ethernet
Transceiver including a Media Access Controller (MAC), a PLCA
Reconciliation Sublayer (RS) and a 10BASE−T1S PHY designed for
industrial multi−drop Ethernet. It provides all physical layer functions
needed to transmit and receive data over a single unshielded twisted
pair. NCN26010 communicates to host MCUs via the Open Alliance
MACPHY SPI protocol.

Features
• 10BASE−T1S – IEEE 802.3cg Compliant
• 3.3 V Supply Voltage
• Two Configurable Digital Outputs that can Drive Low Current LEDs
• Low Profile 4 mm x 4 mm QFN 32 / TQFP32 (5 mm x 5 mm)
• Integrated MAC and 10BASE−T1S PHY
• Open Alliance Compatible SPI Interface for Exchanging
Configuration and Data Frames to Host
• Supports IEEE802.3 CSMA/CD Collision Detection
• Physical Layer Collision Avoidance (PLCA) through Local
Configuration for Collision−Free Operation on a Shared Medium
(Multi Drop)
• Enhanced Noise Immunity Mode, Allowing Communication at Noise
Levels Exceeding IEEE 802.3cg Specifications
• Supports >8 Nodes over >25 m UTP Cable
• Fast Startup: <100 ms
• Support for Bootstrap in Isolated Mode
• These are Pb−Free Devices

Typical Applications
• Industrial Automation
• Sensor Interfacing
• Home / Building Control
• Security and Field Instrumentation




Similar Part No. - T1SPHY

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T1S33D/S-3.3 MORNSUN-T1S33D/S-3.3 Datasheet
341Kb / 4P
Isolated Transmitter
T1S33P-2.5 MORNSUN-T1S33P-2.5 Datasheet
226Kb / 4P
Isolated Transmitter
More results


Similar Description - T1SPHY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Davicom Semiconductor, ...
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
logo
Analog Devices
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com