Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

634W-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

634W-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 634W-SERIES
Download  634W-SERIES Download
File Size   202.6 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 634W Series D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle

634W-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
634W-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 634W-SERIES
Download  634W-SERIES Click to download

File Size   202.6 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 634W Series D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle

634W-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


634W-SERIES Product details

Features


  • High Density Waterproof D-Sub

  • .090"(2.29mm) Contact Spacing x .078"(1.98mm) Row Spacing

  • Plug and Receptacle in 15, 26 or 44 Contact Pin Sizes

  • Pin Contact Mating Design with P.C. Tail Termination in Right Angle, Straight or Solder Cup Termination

  • Plug Shell Indents Provide Grounding and Additional Mating Retention

  • Grounding Feature include Two Prong Boardlock for Exceptional Retention to P.C. Board

  • Mounting Options for Panel Mount or Connector Mating include Threaded Inserts or Threaded Standoffs

  • D-Shaped Connector Mating Outline provides Polarization

  • Degree of Protection: IP67 as per IEC60529




Similar Part No. - 634W-SERIES

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
634 GILWAY-634 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Oscilent Corporation
634 OSCILENT-634 Datasheet
141Kb / 2P
Low Frequencies
logo
Adafruit Industries
634 ADAFRUIT-634 Datasheet
584Kb / 2P
Electroluminescent (EL) Tape/Strip Starter Pack - 100cm - Green
7/27/2015
logo
Keystone Electronics Co...
634 KEYSTONE-634 Datasheet
503Kb / 1P
THREADED MOUNTING BRACKETS
31-07 20th
logo
Hengstler GmbH
634 HENGSTLER-634 Datasheet
187Kb / 7P
Totalizing Counters „mini-i“
More results


Similar Description - 634W-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
633W-SERIES EDAC-633W-SERIES Datasheet
202Kb / 1P
633W Series D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug
634-W44-662-012 EDAC-634-W44-662-012 Datasheet
110Kb / 1P
634W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle
634-W15-262-012 EDAC-634-W15-262-012 Datasheet
93Kb / 1P
634W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle
634-W15-362-012 EDAC-634-W15-362-012 Datasheet
93Kb / 1P
634W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle
634-W15-662-012 EDAC-634-W15-662-012 Datasheet
93Kb / 1P
634W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle
634-W26-262-012 EDAC-634-W26-262-012 Datasheet
99Kb / 1P
634W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle
634-W26-362-012 EDAC-634-W26-362-012 Datasheet
99Kb / 1P
634W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle
634-W26-662-012 EDAC-634-W26-662-012 Datasheet
99Kb / 1P
634W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle
634-W44-262-012 EDAC-634-W44-262-012 Datasheet
110Kb / 1P
634W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle
634-W44-362-012 EDAC-634-W44-362-012 Datasheet
110Kb / 1P
634W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com