Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1711284 Datasheet (PDF) - PHOENIX CONTACT

1711284 Datasheet PDF - PHOENIX CONTACT
Part # 1711284
Download  1711284 Download
File Size   1066.53 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - SPC 16/ 4-ST-10,16

1711284 Datasheet (PDF)

Go To PDF Page Download Datasheet
1711284 Datasheet PDF - PHOENIX CONTACT

Part # 1711284
Download  1711284 Click to download

File Size   1066.53 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - SPC 16/ 4-ST-10,16

1711284 Datasheet (HTML) - PHOENIX CONTACT


1711284 Product details

PCB connector, nominal cross section: 16 mm2, color: green, nominal current: 76 A, rated
voltage (III/2): 1000 V, contact surface: Silver, type of contact: Female connector, number of
potentials: 4, number of rows: 1, number of positions: 4, number of connections: 4, product
range: SPC 16/..-ST, pitch: 10.16 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in system:
COMBICON PC 16, locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Optimized for tight installation situations: operation and conductor connection from one direction




Similar Part No. - 1711284

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
17112 EXTREMENETWORKS-17112 Datasheet
211Kb / 12P
Scalable advanced 10Gb aggregation switch
13oct23
logo
PHOENIX CONTACT
1711220 PHOENIX-1711220 Datasheet
99Kb / 6P
PCB terminal block - MKDS 3/ 2 BU
1711233 PHOENIX-1711233 Datasheet
99Kb / 6P
PCB terminal block - MKDS 3/ 3 BU
1711242 PHOENIX-1711242 Datasheet
59Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-ST-3,5 BU
1711271 PHOENIX-1711271 Datasheet
185Kb / 11P
Printed-circuit board connector - SPC 16/ 3-ST-10,16
More results


Similar Description - 1711284

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702479 PHOENIX-1702479 Datasheet
51Kb / 3P
Printed-circuit board connector - SPC 16/ 3-ST-10,16 BK
1711271 PHOENIX-1711271 Datasheet
185Kb / 11P
Printed-circuit board connector - SPC 16/ 3-ST-10,16
1711307 PHOENIX-1711307 Datasheet
159Kb / 11P
Printed-circuit board connector - SPC 16/ 6-ST-10,16
09/11/2020
1716817 PHOENIX-1716817 Datasheet
253Kb / 6P
PCB connector - LPC 16 HC/ 4-ST-10,16
Jul 20, 2022
1967391 PHOENIX-1967391 Datasheet
1Mb / 20P
PCB connector - PC 16/ 4-ST-10,16
Sep 8, 2022
1711417 PHOENIX-1711417 Datasheet
1Mb / 16P
PCB connector - SPC 16/ 6-STF-10,16
Dec 30, 2022
1711381 PHOENIX-1711381 Datasheet
1Mb / 16P
PCB connector - SPC 16/ 3-STF-10,16
Jan 4, 2023
1711404 PHOENIX-1711404 Datasheet
1Mb / 16P
SPC 16/ 5-STF-10,16 - PCB connector
1711488 PHOENIX-1711488 Datasheet
319Kb / 11P
SPC 16/ 4-STF-SH-10,16 - PCB connector
1232902 PHOENIX-1232902 Datasheet
629Kb / 15P
SPC 4/ 4-ST-6,35 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com