Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1711404 Datasheet (PDF) - PHOENIX CONTACT

1711404 Datasheet PDF - PHOENIX CONTACT
Part # 1711404
Download  1711404 Download
File Size   1149.09 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 16/ 5-STF-10,16 - PCB connector

1711404 Datasheet (PDF)

Go To PDF Page Download Datasheet
1711404 Datasheet PDF - PHOENIX CONTACT

Part # 1711404
Download  1711404 Click to download

File Size   1149.09 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 16/ 5-STF-10,16 - PCB connector

1711404 Datasheet (HTML) - PHOENIX CONTACT


1711404 Product details

PCB connector, nominal cross section: 16 mm2, color: green, nominal current: 76 A, rated
voltage (III/2): 1000 V, contact surface: Silver, type of contact: Socket, number of potentials: 5,
number of rows: 1, number of positions: 5, number of connections: 5, product range: SPC 16/..-
STF, pitch: 10.16 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 16,
locking: Screw locking, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Optimized for tight installation situations: operation and conductor connection from one direction
• Screwable flange for superior mechanical stability




Similar Part No. - 1711404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1711408 PHOENIX-1711408 Datasheet
131Kb / 5P
MKKDS 3/ 2
1711408 PHOENIX-1711408 Datasheet
131Kb / 5P
MKKDS 3/ 3
1711408 PHOENIX-1711408 Datasheet
148Kb / 6P
MKKDSH 3/ 2
1711408 PHOENIX-1711408 Datasheet
142Kb / 6P
MKKDSG 3/ 3
1711408 PHOENIX-1711408 Datasheet
130Kb / 6P
MKKDSH 3/ 3
More results


Similar Description - 1711404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1711378 PHOENIX-1711378 Datasheet
93Kb / 5P
Printed-circuit board connector - SPC 16/ 2-STF-10,16
1711394 PHOENIX-1711394 Datasheet
168Kb / 12P
Printed-circuit board connector - SPC 16/ 4-STF-10,16
09/11/2020
1711417 PHOENIX-1711417 Datasheet
1Mb / 16P
PCB connector - SPC 16/ 6-STF-10,16
Dec 30, 2022
1711381 PHOENIX-1711381 Datasheet
1Mb / 16P
PCB connector - SPC 16/ 3-STF-10,16
Jan 4, 2023
1711284 PHOENIX-1711284 Datasheet
1Mb / 17P
PCB connector - SPC 16/ 4-ST-10,16
Jan 10, 2023
1967485 PHOENIX-1967485 Datasheet
494Kb / 14P
PCB connector - PC 16/ 5-STF-10,16
1996184 PHOENIX-1996184 Datasheet
552Kb / 17P
PCB connector - SPC 5/ 8-STF-7,62
1996223 PHOENIX-1996223 Datasheet
549Kb / 17P
PCB connector - SPC 5/12-STF-7,62
1711488 PHOENIX-1711488 Datasheet
319Kb / 11P
SPC 16/ 4-STF-SH-10,16 - PCB connector
1996155 PHOENIX-1996155 Datasheet
555Kb / 17P
SPC 5/ 5-STF-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com