Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1996155 Datasheet (PDF) - PHOENIX CONTACT

1996155 Datasheet PDF - PHOENIX CONTACT
Part # 1996155
Download  1996155 Download
File Size   555.32 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 5/ 5-STF-7,62 - PCB connector

1996155 Datasheet (PDF)

Go To PDF Page Download Datasheet
1996155 Datasheet PDF - PHOENIX CONTACT

Part # 1996155
Download  1996155 Click to download

File Size   555.32 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 5/ 5-STF-7,62 - PCB connector

1996155 Datasheet (HTML) - PHOENIX CONTACT


1996155 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Tin, type of contact: Socket, number of potentials: 5, number of
rows: 1, number of positions: 5, number of connections: 5, product range: SPC 5/..-STF, pitch: 7.
62 mm, connection method: Push-in spring connection, conductor/PCB connection direction: 0 °,
locking clip: - without locking clip, plug-in system: COMBICON PC 5, locking: Screw locking,
mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Optimized for tight installation situations: operation and conductor connection from one direction
• Screwable flange for superior mechanical stability
• 600 V UL approval in the smallest of dimensions




Similar Part No. - 1996155

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1996100 PHOENIX-1996100 Datasheet
84Kb / 5P
Printed-circuit board connector - SPC 5/11-ST-7,62
1996113 PHOENIX-1996113 Datasheet
84Kb / 5P
Printed-circuit board connector - SPC 5/12-ST-7,62
1996142 PHOENIX-1996142 Datasheet
184Kb / 11P
Printed-circuit board connector - SPC 5/ 4-STF-7,62
1996168 PHOENIX-1996168 Datasheet
179Kb / 11P
Printed-circuit board connector - SPC 5/ 6-STF-7,62
09/12/2020
1996171 PHOENIX-1996171 Datasheet
85Kb / 5P
Printed-circuit board connector - SPC 5/ 7-STF-7,62
More results


Similar Description - 1996155

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1996142 PHOENIX-1996142 Datasheet
184Kb / 11P
Printed-circuit board connector - SPC 5/ 4-STF-7,62
1996207 PHOENIX-1996207 Datasheet
85Kb / 5P
Printed-circuit board connector - SPC 5/10-STF-7,62
1996197 PHOENIX-1996197 Datasheet
85Kb / 5P
Printed-circuit board connector - SPC 5/ 9-STF-7,62
1996168 PHOENIX-1996168 Datasheet
179Kb / 11P
Printed-circuit board connector - SPC 5/ 6-STF-7,62
09/12/2020
1996016 PHOENIX-1996016 Datasheet
646Kb / 18P
PCB connector - SPC 5/ 2-ST-7,62
1996029 PHOENIX-1996029 Datasheet
651Kb / 18P
PCB connector - SPC 5/ 3-ST-7,62
1996032 PHOENIX-1996032 Datasheet
652Kb / 18P
PCB connector - SPC 5/ 4-ST-7,62
1996184 PHOENIX-1996184 Datasheet
552Kb / 17P
PCB connector - SPC 5/ 8-STF-7,62
1996223 PHOENIX-1996223 Datasheet
549Kb / 17P
PCB connector - SPC 5/12-STF-7,62
1711404 PHOENIX-1711404 Datasheet
1Mb / 16P
SPC 16/ 5-STF-10,16 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com