Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1836340 Datasheet (PDF) - PHOENIX CONTACT

1836340 Datasheet PDF - PHOENIX CONTACT
Part # 1836340
Download  1836340 Download
File Size   342.29 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - CCA 2,5/ 2-G P20 THR

1836340 Datasheet (PDF)

Go To PDF Page Download Datasheet
1836340 Datasheet PDF - PHOENIX CONTACT

Part # 1836340
Download  1836340 Click to download

File Size   342.29 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - CCA 2,5/ 2-G P20 THR

1836340 Datasheet (HTML) - PHOENIX CONTACT


1836340 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 2,
number of rows: 1, number of positions: 2, number of connections: 2, product range: CCA 2,5/..-
G, pitch: 5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard, For user information and design recommendations for through-hole reflow
technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Closed contour for optimum stability of the plug-in connection




Similar Part No. - 1836340

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836341 PHOENIX-1836341 Datasheet
143Kb / 5P
MCV 1,5/ 7-G-5,08
More results


Similar Description - 1836340

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836366 PHOENIX-1836366 Datasheet
117Kb / 6P
Printed-circuit board connector - CCA 2,5/ 4-G P20 THR
1836418 PHOENIX-1836418 Datasheet
107Kb / 6P
Printed-circuit board connector - CCA 2,5/ 9-G P20 THR
1836434 PHOENIX-1836434 Datasheet
107Kb / 6P
Printed-circuit board connector - CCA 2,5/11-G P20 THR
1836463 PHOENIX-1836463 Datasheet
106Kb / 6P
Printed-circuit board connector - CCA 2,5/14-G P20 THR
1836502 PHOENIX-1836502 Datasheet
107Kb / 6P
Printed-circuit board connector - CCA 2,5/18-G P20 THR
1836379 PHOENIX-1836379 Datasheet
240Kb / 7P
Printed-circuit board connector - CCA 2,5/ 5-G P20 THR
02/04/2022
1836405 PHOENIX-1836405 Datasheet
240Kb / 7P
Printed-circuit board connector - CCA 2,5/ 8-G P20 THR
02/04/2022
1837080 PHOENIX-1837080 Datasheet
630Kb / 19P
CCVA 2,5/ 8-G P20 THR - PCB header
1837103 PHOENIX-1837103 Datasheet
607Kb / 18P
CCVA 2,5/10-G P20 THR - PCB header
1837064 PHOENIX-1837064 Datasheet
631Kb / 18P
CCVA 2,5/ 6-G P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com