Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1837080 Datasheet (PDF) - PHOENIX CONTACT

1837080 Datasheet PDF - PHOENIX CONTACT
Part # 1837080
Download  1837080 Download
File Size   630.7 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCVA 2,5/ 8-G P20 THR - PCB header

1837080 Datasheet (PDF)

Go To PDF Page Download Datasheet
1837080 Datasheet PDF - PHOENIX CONTACT

Part # 1837080
Download  1837080 Click to download

File Size   630.7 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCVA 2,5/ 8-G P20 THR - PCB header

1837080 Datasheet (HTML) - PHOENIX CONTACT


1837080 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Pin, number of potentials: 8, number of rows:
1, number of positions: 8, number of connections: 8, product range: CCVA 2,5/..-G, pitch: 5 mm,
mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2 mm, number of solder pins
per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern alignment:
Standard, locking: without, mounting: without, type of packaging: packed in cardboard, For user
information and design recommendations for through-hole reflow technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Closed contour for optimum stability of the plug-in connection




Similar Part No. - 1837080

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18370 VICOR-18370 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
logo
PHOENIX CONTACT
1837006 PHOENIX-1837006 Datasheet
91Kb / 3P
Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
logo
Weidmuller
1837010000 WEIDMULLER-1837010000 Datasheet
378Kb / 5P
SC 3.81/07/180F 3.2SN BK BX
1837010000 WEIDMULLER-1837010000 Datasheet
85Kb / 5P
SC 3.81/16/180F3.2SN GN
logo
PHOENIX CONTACT
1837019 PHOENIX-1837019 Datasheet
91Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
More results


Similar Description - 1837080

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1837035 PHOENIX-1837035 Datasheet
228Kb / 11P
CCVA 2,5/ 3-G P20 THR
1837048 PHOENIX-1837048 Datasheet
283Kb / 12P
CCVA 2,5/ 4-G P20 THR
1837129 PHOENIX-1837129 Datasheet
109Kb / 7P
Printed-circuit board connector - CCVA 2,5/12-G P20 THR
1837077 PHOENIX-1837077 Datasheet
320Kb / 9P
Printed-circuit board connector - CCVA 2,5/ 7-G P20 THR
02/04/2022
1085839 PHOENIX-1085839 Datasheet
689Kb / 19P
PCB header - CCVA 2,5/ 4-G P26 THR R56
Jul 20, 2022
1087676 PHOENIX-1087676 Datasheet
667Kb / 18P
PCB header - CCVA 2,5/ 3-G P26 THR R32
Jul 21, 2022
1107088 PHOENIX-1107088 Datasheet
629Kb / 18P
PCB header - CCVA 2,5/ 2-G P26 THR R32
Jan 3, 2023
1836340 PHOENIX-1836340 Datasheet
342Kb / 11P
PCB header - CCA 2,5/ 2-G P20 THR
Jan 4, 2023
1837103 PHOENIX-1837103 Datasheet
607Kb / 18P
CCVA 2,5/10-G P20 THR - PCB header
1837064 PHOENIX-1837064 Datasheet
631Kb / 18P
CCVA 2,5/ 6-G P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com