Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1087077 Datasheet (PDF) - PHOENIX CONTACT

1087077 Datasheet PDF - PHOENIX CONTACT
Part # 1087077
Download  1087077 Download
File Size   602.88 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL P EX IS DO4 SD 24-48 1F

1087077 Datasheet (PDF)

Go To PDF Page Download Datasheet
1087077 Datasheet PDF - PHOENIX CONTACT

Part # 1087077
Download  1087077 Click to download

File Size   602.88 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL P EX IS DO4 SD 24-48 1F

1087077 Datasheet (HTML) - PHOENIX CONTACT


1087077 Product details

Axioline P, Digital output module, Digital output: 4, 24 V DC, connection technology: 2-conductor,
Solenoid drive, Intrinsically safe, transmission speed in the local bus: 100 Mbps, degree of
protection: IP20, including bus base module and connectors

Product Description
The module is an Axioline P I/O module for use in the Axioline P modular I/O system. The module is a modular I/O device that can be affixed to the
Axioline P local bus, to communicate I/O data up to the Axioline P bus coupler, which forms the head of the station. As an intrinsic safety I/O
module, this device allows direct connection from intrinsically safe field I/O to the terminals of the module. The module is fully hot-swappable on the
Axioline P local bus, which also provides power to the module. The module digital output characteristics of 24 V DC and 48 mA allow the connection
of up to four solenoid driven, digital output signals.

Your advantages
• Four 24 V DC - 48 mA digital output-powered control signals for solenoid drives
• Intrinsically safe digital outputs with connection to Zone 1, Zone 0 or Division 1
• Temperature range: -40 °C ... +70 °C
• Hot-swappable




Similar Part No. - 1087077

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1087078 PHOENIX-1087078 Datasheet
402Kb / 8P
I/O module - AXL P EX IS DO4 SD 21-60 1F
12/24/2021
1087079 PHOENIX-1087079 Datasheet
497Kb / 7P
I/O module - AXL P AO4 HART 1F
12/24/2021
More results


Similar Description - 1087077

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1086901 PHOENIX-1086901 Datasheet
471Kb / 8P
I/O module - AXL F EX IS DO4 SD 24-48 XC 1F
12/24/2021
1086902 PHOENIX-1086902 Datasheet
466Kb / 7P
I/O module - AXL F EX IS DO4 SD 21-60 XC 1F
12/24/2021
1087078 PHOENIX-1087078 Datasheet
402Kb / 8P
I/O module - AXL P EX IS DO4 SD 21-60 1F
12/24/2021
1213483 PHOENIX-1213483 Datasheet
527Kb / 11P
Digital module - AXL P DI16/2 1F
Nov 16, 2022
1052417 PHOENIX-1052417 Datasheet
538Kb / 13P
Digital module - AXL P EX IS DI16 NAM 1F
Dec 9, 2022
1052431 PHOENIX-1052431 Datasheet
529Kb / 13P
Analog module - AXL P EX IS AI8 HART 1F
Dec 9, 2022
2702654 PHOENIX-2702654 Datasheet
523Kb / 11P
Digital module - AXL F DI8/2 48/60DC 1F
Dec 7, 2022
1052423 PHOENIX-1052423 Datasheet
603Kb / 13P
Digital module - AXL F EX IS DI16 NAM XC 1F
Dec 30, 2022
1052416 PHOENIX-1052416 Datasheet
522Kb / 11P
Digital module - AXL P DI16 NAM 1F
Jan 11, 2023
1087082 PHOENIX-1087082 Datasheet
603Kb / 13P
Analog module - AXL P EX IS AO4 HART 1F
Jan 11, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com