Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1087082 Datasheet (PDF) - PHOENIX CONTACT

1087082 Datasheet PDF - PHOENIX CONTACT
Part # 1087082
Download  1087082 Download
File Size   603.09 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - AXL P EX IS AO4 HART 1F

1087082 Datasheet (PDF)

Go To PDF Page Download Datasheet
1087082 Datasheet PDF - PHOENIX CONTACT

Part # 1087082
Download  1087082 Click to download

File Size   603.09 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - AXL P EX IS AO4 HART 1F

1087082 Datasheet (HTML) - PHOENIX CONTACT


1087082 Product details

Axioline P, Analog output module, Analog outputs: 4 (HART), 0 mA ... 20 mA, 4 mA ... 20 mA,
connection technology: 2-conductor, transmission speed in the local bus: 100 Mbps, HART
functionality, degree of protection: IP20, including bus base module and connectors

Product Description
The module is an Axioline P I/O module for use in the Axioline P modular I/O system. The module is a modular I/O device that can be affixed to the
Axioline P local bus, to communicate I/O data up to the Axioline P bus coupler, which forms the head of the station. As an intrinsic safety I/O
module, this device allows direct connection from intrinsically safe field I/O to the terminals of the module. The module is fully hot-swappable on the
Axioline P local bus, which also provides power to the module. The module allows the connection of up to four HART devices. The analog output
I/O module with HART capabilities manages analog output and HART data to and from the field I/O terminals and makes this information available
to the bus coupler through the Axioline P local bus.

Your advantages
• 4 analog output-powered control signals for HART
• Current range: 4 mA ... 20 mA and 0 mA ... 20 mA
• Cyclic access to PV, SV, TV, QV, and Loop Current
• Temperature range: -40 °C ... +70 °C
• Hot-swappable
• Intrinsically safe analog inputs with connection to Zone 1, Zone 0 or Division 1




Similar Part No. - 1087082

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1087080 PHOENIX-1087080 Datasheet
435Kb / 7P
I/O module - AXL F AO4 HART XC 1F
12/24/2021
logo
Weidmuller
1087080000 WEIDMULLER-1087080000 Datasheet
583Kb / 7P
BLZP 5.08HC/08/90LR SN BK BX
logo
PHOENIX CONTACT
1087081 PHOENIX-1087081 Datasheet
488Kb / 8P
I/O module - AXL F EX IS AO4 HART XC 1F
12/24/2021
More results


Similar Description - 1087082

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1052429 PHOENIX-1052429 Datasheet
460Kb / 7P
I/O module - AXL P AI8 HART 1F
12/24/2021
1052432 PHOENIX-1052432 Datasheet
489Kb / 8P
I/O module - AXL F EX IS AI8 HART XC 1F
12/24/2021
1087078 PHOENIX-1087078 Datasheet
402Kb / 8P
I/O module - AXL P EX IS DO4 SD 21-60 1F
12/24/2021
1087079 PHOENIX-1087079 Datasheet
497Kb / 7P
I/O module - AXL P AO4 HART 1F
12/24/2021
1087080 PHOENIX-1087080 Datasheet
435Kb / 7P
I/O module - AXL F AO4 HART XC 1F
12/24/2021
1087081 PHOENIX-1087081 Datasheet
488Kb / 8P
I/O module - AXL F EX IS AO4 HART XC 1F
12/24/2021
1052417 PHOENIX-1052417 Datasheet
538Kb / 13P
Digital module - AXL P EX IS DI16 NAM 1F
Dec 9, 2022
1052431 PHOENIX-1052431 Datasheet
529Kb / 13P
Analog module - AXL P EX IS AI8 HART 1F
Dec 9, 2022
1052423 PHOENIX-1052423 Datasheet
603Kb / 13P
Digital module - AXL F EX IS DI16 NAM XC 1F
Dec 30, 2022
1087077 PHOENIX-1087077 Datasheet
602Kb / 13P
Digital module - AXL P EX IS DO4 SD 24-48 1F
Jan 11, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com