Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQA30T150C Datasheet (PDF) - Power Integrations, Inc.

LQA30T150C Datasheet PDF - Power Integrations, Inc.
Part # LQA30T150C
Download  LQA30T150C Download
File Size   522.27 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 150 V, 30 A Common-Cathode Diode

LQA30T150C Datasheet (PDF)

Go To PDF Page Download Datasheet
LQA30T150C Datasheet PDF - Power Integrations, Inc.

Part # LQA30T150C
Download  LQA30T150C Click to download

File Size   522.27 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 150 V, 30 A Common-Cathode Diode

LQA30T150C Datasheet (HTML) - Power Integrations, Inc.


LQA30T150C Product details

General Description
This device has the lowest QRR of any 150 V
Silicon diode. Its recovery characteristics
increase efficiency, reduce EMI and eliminate
snubbers.
Applications
 AC/DC and DC/DC output rectification
 Output and freewheeling diodes
 Motor drive circuits
 DC-AC inverters
Features
 Low QRR, Low IRRM, Low tRR
 High dIF/dt capable
 Soft recovery
Benefits
 Increases efficiency
 Eliminates need for snubber circuits
 Reduces EMI filter component size and count
 Enables extremely fast switching




Similar Part No. - LQA30T150C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA30T200C POWERINT-LQA30T200C Datasheet
661Kb / 8P
200 V, 30 A Common-Cathode Diode
January 2015
LQA30T300 POWERINT-LQA30T300 Datasheet
121Kb / 7P
300 V, 30 A Q-Series Diode
More results


Similar Description - LQA30T150C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA20T300C POWERINT-LQA20T300C Datasheet
185Kb / 8P
300 V, 20 A Q-Series Common-Cathode Diode
LQA30A300C POWERINT-LQA30A300C Datasheet
133Kb / 7P
300 V, 30 A Q-Series Common-Cathode Diode
LXA08T600C POWERINT-LXA08T600C Datasheet
95Kb / 7P
600 V, 8 A X-Series Common-Cathode Diode
LQA10T150C POWERINT-LQA10T150C Datasheet
677Kb / 8P
150 V, 10 A Common-Cathode Diode
January 2015
LQA10T200C POWERINT-LQA10T200C Datasheet
647Kb / 8P
200 V, 10 A Common-Cathode Diode
November 2019
LQA20T150C POWERINT-LQA20T150C Datasheet
550Kb / 8P
150 V, 20 A Common-Cathode Diode
Dec. 2014
LQA20T200C POWERINT-LQA20T200C Datasheet
696Kb / 8P
200 V, 20 A Common-Cathode Diode
April 2013
LQA30T200C POWERINT-LQA30T200C Datasheet
661Kb / 8P
200 V, 30 A Common-Cathode Diode
January 2015
LQA40T150C POWERINT-LQA40T150C Datasheet
521Kb / 8P
150 V, 40 A Common-Cathode Diode
Dec. 2014
LQA40T200C POWERINT-LQA40T200C Datasheet
663Kb / 8P
200 V, 40 A Common-Cathode Diode
January 2015
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com