Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G954 Datasheet (PDF) - Global Mixed-mode Technology Inc

G954 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G954
Download  G954 Download
File Size   316.29 Kbytes
Page   7 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2A Low Dropout Regulator

G954 Datasheet (PDF)

Go To PDF Page Download Datasheet
G954 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G954
Download  G954 Click to download

File Size   316.29 Kbytes
Page   7 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2A Low Dropout Regulator

G954 Datasheet (HTML) - Global Mixed-mode Technology Inc


G954 Product details

General Description
The G954 is a high performance positive voltage regulator designed for use in applications requiring very low dropout voltage at up to 2 Amps. Since it has superior dropout characteristics compared with regular LDOs, it can be used to supply 2.5V on motherboards or 1.5V, 1.8V on peripheral cards from the power supply thus allowing the elimination of costly heatsinks. The G954 provides excellent regulation over variations in line, load and temperature. It provides over current and over temperature protection functions.
The G954 is available with 1.2V, 1.5V, 1.8V, 2.5V and adjustable outputs in TO-263 & TO-263T package.

Features
■ Fixed Output Voltage 1.2V, 1.5V, 1.8V and 2.5V
■ Over Current and Over Temperature Protection
■ Output Current 2A
■ TO-263 & TO-263T Package

Applications
■ Battery Powered Systems
■ Motherboards
■ Peripheral Cards
■ Network Cards
■ Set Top Boxes
■ Notebook Computers




Similar Part No. - G954

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G954 GMT-G954 Datasheet
360Kb / 8P
2A Low Dropout Regulator
G954-12 GMT-G954-12 Datasheet
360Kb / 8P
2A Low Dropout Regulator
G954-12T55U GMT-G954-12T55U Datasheet
360Kb / 8P
2A Low Dropout Regulator
G954-12TU5U GMT-G954-12TU5U Datasheet
360Kb / 8P
2A Low Dropout Regulator
G954-15 GMT-G954-15 Datasheet
360Kb / 8P
2A Low Dropout Regulator
More results


Similar Description - G954

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1120 IRF-IRU1120 Datasheet
61Kb / 9P
2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Rohm
BAXXDD0T ROHM-BAXXDD0T Datasheet
388Kb / 6P
2A Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G954 GMT-G954_07 Datasheet
360Kb / 8P
2A Low Dropout Regulator
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G954 GMT-G954_15 Datasheet
41Kb / 1P
2A Low Dropout Regulator
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR2967 UTC-LR2967 Datasheet
173Kb / 4P
2A, LOW DROPOUT REGULATOR
LR3865 UTC-LR3865 Datasheet
195Kb / 6P
2A LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
2A Ultra Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com