Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOCND06 Datasheet (PDF) - Belden Inc.

GOCND06 Datasheet PDF - Belden Inc.
Part # GOCND06
Download  GOCND06 Download
File Size   149.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.

GOCND06 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOCND06 Datasheet PDF - Belden Inc.

Part # GOCND06
Download  GOCND06 Click to download

File Size   149.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.

GOCND06 Datasheet (HTML) - Belden Inc.


GOCND06 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member, Corrugated Steel Tape (Full Rodent Protected) armor
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by Corrugated Steel Tape (Full Rodent Protected). Existing out of 1
Tube with a diameter of 3.3mm with 6 fibers MM OM3.




Similar Part No. - GOCND06

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCND02 BELDEN-GOCND02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f MM OM3.
2023 Belden, Inc
GOCND04 BELDEN-GOCND04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM3.
2023 Belden, Inc
GOCND08 BELDEN-GOCND08 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 8f MM OM3.
2023 Belden, Inc
GOCND08.002100 BELDEN-GOCND08.002100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 8f MM OM3.
2023 Belden, Inc
GOCND08.004100 BELDEN-GOCND08.004100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 8f MM OM3.
2023 Belden, Inc
More results


Similar Description - GOCND06

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN106 BELDEN-GOCN106 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM1.
2023 Belden, Inc
GOCN206 BELDEN-GOCN206 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM2.
2023 Belden, Inc
GOCNE06 BELDEN-GOCNE06 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM4.
2023 Belden, Inc
GODND02 BELDEN-GODND02 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 2f MM OM3.
2023 Belden, Inc
GODND08 BELDEN-GODND08 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 8f MM OM3.
2023 Belden, Inc
GODND16 BELDEN-GODND16 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
GODND24 BELDEN-GODND24 Datasheet
154Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GORND06 BELDEN-GORND06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GOSND06 BELDEN-GOSND06 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GOWND06 BELDEN-GOWND06 Datasheet
139Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com