Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOCN206 Datasheet (PDF) - Belden Inc.

GOCN206 Datasheet PDF - Belden Inc.
Part # GOCN206
Download  GOCN206 Download
File Size   149.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM2.

GOCN206 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOCN206 Datasheet PDF - Belden Inc.

Part # GOCN206
Download  GOCN206 Click to download

File Size   149.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM2.

GOCN206 Datasheet (HTML) - Belden Inc.


GOCN206 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member, Corrugated Steel Tape (Full Rodent Protected) armor
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by Corrugated Steel Tape (Full Rodent Protected). Existing out of 1
Tube with a diameter of 3.3mm with 6 fibers MM OM2.




Similar Part No. - GOCN206

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN202 BELDEN-GOCN202 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f MM OM2.
2023 Belden, Inc
GOCN204 BELDEN-GOCN204 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
GOCN204.002100 BELDEN-GOCN204.002100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
GOCN204.003100 BELDEN-GOCN204.003100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
GOCN204.004100 BELDEN-GOCN204.004100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
More results


Similar Description - GOCN206

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN106 BELDEN-GOCN106 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM1.
2023 Belden, Inc
GOCN204 BELDEN-GOCN204 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
GOCN212 BELDEN-GOCN212 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GOCN216 BELDEN-GOCN216 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
GOCND06 BELDEN-GOCND06 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GODN208 BELDEN-GODN208 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 8f MM OM2.
2023 Belden, Inc
GOEN206 BELDEN-GOEN206 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 6f MM OM2.
2023 Belden, Inc
GOHN206 BELDEN-GOHN206 Datasheet
156Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWB PE with 1 Tube of Ø3.3mm 6f MM OM2.
2023 Belden, Inc
GOSN206 BELDEN-GOSN206 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 6f MM OM2.
2023 Belden, Inc
GOVN206 BELDEN-GOVN206 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f MM OM2.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com