Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT534A Datasheet (PDF) - NXP Semiconductors

74ABT534A Datasheet PDF - NXP Semiconductors
Part # 74ABT534A
Download  74ABT534A Download
File Size   111.92 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop, inverting 3-State

74ABT534A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT534A Datasheet PDF - NXP Semiconductors

Part # 74ABT534A
Download  74ABT534A Click to download

File Size   111.92 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop, inverting 3-State

74ABT534A Datasheet (HTML) - NXP Semiconductors


74ABT534A Product details

DESCRIPTION
The 74ABT534A high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• 8-bit positive edge triggered register
• 3-State output buffers
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model
• Power-up 3-State




Similar Part No. - 74ABT534A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
74ABT534A IRF-74ABT534A Datasheet
128Kb / 12P
Octal D-type flip-flop, inverting (3-State)
74ABT534AD IRF-74ABT534AD Datasheet
128Kb / 12P
Octal D-type flip-flop, inverting (3-State)
74ABT534ADB IRF-74ABT534ADB Datasheet
128Kb / 12P
Octal D-type flip-flop, inverting (3-State)
74ABT534AN IRF-74ABT534AN Datasheet
128Kb / 12P
Octal D-type flip-flop, inverting (3-State)
74ABT534APW IRF-74ABT534APW Datasheet
128Kb / 12P
Octal D-type flip-flop, inverting (3-State)
More results


Similar Description - 74ABT534A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
Octal 3-State Non-Inverting D Flip-Flop
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
Octal 3-State Inverting D Flip-Flop
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
logo
NXP Semiconductors
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
logo
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
Octal 3-State Inverting D Flip-Flop
logo
International Rectifier
74ABT534A IRF-74ABT534A Datasheet
128Kb / 12P
Octal D-type flip-flop, inverting (3-State)
logo
KODENSHI_AUK CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
Octal 3-State Inverting D Flip-Flop
logo
STMicroelectronics
M74HC534 STMICROELECTRONICS-M74HC534 Datasheet
406Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
Aug-2001
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_11 Datasheet
149Kb / 9P
Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com