Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT534 Datasheet (PDF) - NXP Semiconductors

74LVT534 Datasheet PDF - NXP Semiconductors
Part # 74LVT534
Download  74LVT534 Download
File Size   100.26 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal D-type flip-flop; inverting 3-State

74LVT534 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT534 Datasheet PDF - NXP Semiconductors

Part # 74LVT534
Download  74LVT534 Click to download

File Size   100.26 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal D-type flip-flop; inverting 3-State

74LVT534 Datasheet (HTML) - NXP Semiconductors


74LVT534 Product details

DESCRIPTION
The LVT534 is a high-performance BiCMOS product designed for VCC operation at 3.3V.
This device is an 8-bit, edge triggered register coupled to eight 3-State output buffers.

FEATURES
• 3-State outputs for bus interfacing
• Common output enable
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs
• Live insertion/extraction permitted
• No bus current loading when output is tied to 5V bus
• Power-up 3-State
• Power-up reset
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model




Similar Part No. - 74LVT534

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543D PHILIPS-74LVT543D Datasheet
103Kb / 12P
3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543DB PHILIPS-74LVT543DB Datasheet
103Kb / 12P
3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543PW PHILIPS-74LVT543PW Datasheet
103Kb / 12P
3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543PWDH PHILIPS-74LVT543PWDH Datasheet
103Kb / 12P
3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
More results


Similar Description - 74LVT534

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
Octal 3-State Non-Inverting D Flip-Flop
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
Octal 3-State Inverting D Flip-Flop
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
logo
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
Octal D-type flip-flop, inverting 3-State
1997 Feb 03
74LVT574 PHILIPS-74LVT574 Datasheet
98Kb / 12P
3.3V Octal D-type flip-flop 3-State
1998 Feb 19
logo
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
Octal 3-State Inverting D Flip-Flop
logo
International Rectifier
74ABT534A IRF-74ABT534A Datasheet
128Kb / 12P
Octal D-type flip-flop, inverting (3-State)
logo
KODENSHI_AUK CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
Octal 3-State Inverting D Flip-Flop
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_11 Datasheet
149Kb / 9P
Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com