Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT574 Datasheet (PDF) - NXP Semiconductors

74LVT574 Datasheet PDF - NXP Semiconductors
Part # 74LVT574
Download  74LVT574 Download
File Size   98.63 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal D-type flip-flop 3-State

74LVT574 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT574 Datasheet PDF - NXP Semiconductors

Part # 74LVT574
Download  74LVT574 Click to download

File Size   98.63 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal D-type flip-flop 3-State

74LVT574 Datasheet (HTML) - NXP Semiconductors


74LVT574 Product details

DESCRIPTION

The LVT574 is a high-performance BiCMOS product designed for VCC operation at 3.3V.



FEATURES

•Inputs and outputs on opposite side of package allow easy interface to microprocessors

•3-State outputs for bus interfacing

•Common output enable

•TTL input and output switching levels

•Input and output interface capability to systems at 5V supply

•Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs

•Live insertion/extraction permitted

•No bus current loading when output is tied to 5V bus

•Power-up 3-State

•Power-up reset

•Latch-up protection exceeds 500mA per JEDEC Std 17

•ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model




Similar Part No. - 74LVT574

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
NXP Semiconductors
74LVT574BQ NXP-74LVT574BQ Datasheet
108Kb / 16P
3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
74LVT574D NXP-74LVT574D Datasheet
108Kb / 16P
3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
74LVT574DB NXP-74LVT574DB Datasheet
108Kb / 16P
3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
More results


Similar Description - 74LVT574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
Octal D-type flip-flop 3-State
1995 May 22
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374 Datasheet
89Kb / 7P
3-STATE Octal D-Type Flip-Flop
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
Octal D-type flip-flop (3-state)
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
3-STATE Octal D-Type Flip-Flop
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
3-STATE Octal D-Type Flip-Flop
Revised May 2005
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com