Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT543 Datasheet (PDF) - NXP Semiconductors

74LVT543 Datasheet PDF - NXP Semiconductors
Part # 74LVT543
Download  74LVT543 Download
File Size   103.43 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal latched transceiver with dual enable 3-State

74LVT543 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT543 Datasheet PDF - NXP Semiconductors

Part # 74LVT543
Download  74LVT543 Click to download

File Size   103.43 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal latched transceiver with dual enable 3-State

74LVT543 Datasheet (HTML) - NXP Semiconductors


74LVT543 Product details

DESCRIPTION
The 74LVT543 is a high-performance BiCMOS product designed for VCC operation at 3.3V.
   
FEATURES
• Combines 74LVT245 and 74LVT373 type functions in one device
• 8-bit octal transceiver with D-type latch
• Back-to-back registers for storage
• Separate controls for data flow in each direction
• Output capability: +64mA/–32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
    resistors to hold unused inputs
• Live insertion/extraction permitted
• No bus current loading when output is tied to 5V bus
• Power-up 3-State
• Power-up reset
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
    and 200V per Machine Model
   




Similar Part No. - 74LVT543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
74LVT534D PHILIPS-74LVT534D Datasheet
100Kb / 12P
3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
74LVT534DB PHILIPS-74LVT534DB Datasheet
100Kb / 12P
3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
74LVT534PW PHILIPS-74LVT534PW Datasheet
100Kb / 12P
3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
74LVT534PWDH PHILIPS-74LVT534PWDH Datasheet
100Kb / 12P
3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
More results


Similar Description - 74LVT543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
Octal transceiver with dual enable 3-State
1998 Jul 29
MB2543 PHILIPS-MB2543 Datasheet
146Kb / 13P
Dual octal latched transceivers with dual enable 3-State
August 23, 1993
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74F543 NXP-74F543 Datasheet
99Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com