Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3542 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADC3542 Datasheet PDF - Texas Instruments
Part # ADC3542
Download  ADC3542 Download
File Size   5553.57 Kbytes
Page   86 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC

ADC3542 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3542 Datasheet PDF - Texas Instruments

Part # ADC3542
Download  ADC3542 Click to download

File Size   5553.57 Kbytes
Page   86 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC

ADC3542 Datasheet (HTML) - Texas Instruments


ADC3542 Product details

1 Features
• 14-bit 10/25/65 MSPS ADC
• Noise floor: –155 dBFS/Hz
• Ultra-low power with optimized power scaling:
35 mW (10 MSPS) to 84 mW (65 MSPS)
• Latency: 1 clock cycle
• INL: ±0.6 LSB; DNL: ±0.1 LSB
• Reference: external or internal
• Input Bandwidth: 900 MHz (3-dB)
• Industrial temperature range: –40°C to +105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• SDR/DDR and Serial CMOS interface
• Small footprint: 40-WQFN (5 mm × 5 mm) package
• Single 1.8-V supply
• Spectral Performance (fIN = 10 MHz):
– SNR: 79.0 dBFS
– SFDR: 87 dBc HD2, HD3
– SFDR: 99 dBFS Worst Spur
• Spectral Performance (fIN = 64 MHz):
– SNR: 78.0 dBFS
– SFDR: 70 dBc HD2, HD3
– SFDR: 91 dBFS Worst Spur

1 Features
• 14-bit 10/25/65 MSPS ADC
• Noise floor: –155 dBFS/Hz
• Ultra-low power with optimized power scaling:
35 mW (10 MSPS) to 84 mW (65 MSPS)
• Latency: 1 clock cycle
• INL: ±0.6 LSB; DNL: ±0.1 LSB
• Reference: external or internal
• Input Bandwidth: 900 MHz (3-dB)
• Industrial temperature range: –40°C to +105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• SDR/DDR and Serial CMOS interface
• Small footprint: 40-WQFN (5 mm × 5 mm) package
• Single 1.8-V supply
• Spectral Performance (fIN = 10 MHz):
– SNR: 79.0 dBFS
– SFDR: 87 dBc HD2, HD3
– SFDR: 99 dBFS Worst Spur
• Spectral Performance (fIN = 64 MHz):
– SNR: 78.0 dBFS
– SFDR: 70 dBc HD2, HD3
– SFDR: 91 dBFS Worst Spur

3 Description
The ADC3541, ADC3542 and ADC3543 (ADC354x)
family of devices are low-noise, ultra-low power,
14-bit, 10 to 65-MSPS, high-speed analog-todigital
converters (ADCs). Designed for low power
consumption, these devices deliver a noise spectral
density of –155 dBFS/Hz. The ADC354x offers great
dc precision together with IF sampling support,
which make these devices an excellent choice for a
wide range of applications. High-speed control loops
benefit from the short latency of only one clock cycle.
The ADC consumes only 79 mW at 65 MSPS, and
the power consumption scales very well with lower
sampling rates.
The ADC354x uses an SDR, DDR or a serial
CMOS interface to output the data offering the lowest
power digital interface, together with the flexibility
to minimize the number of digital interconnects.
These devices are a pin-to-pin compatible family with
different speed grades. These devices support the
extended industrial temperature range of –40°C to
+105⁰C.




Similar Part No. - ADC3542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3542 TI1-ADC3542 Datasheet
3Mb / 68P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
ADC3542 TI-ADC3542 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3542 TI-ADC3542 Datasheet
3Mb / 79P
ADC3544 14-bit, 125-MSPS, Low Noise, Low Power ADC
DECEMBER 2022
ADC3542IRSBR TI-ADC3542IRSBR Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3542IRSBT TI-ADC3542IRSBT Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
More results


Similar Description - ADC3542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3541 TI1-ADC3541 Datasheet
3Mb / 68P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
ADC3643 TI-ADC3643 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3563 TI-ADC3563 Datasheet
4Mb / 75P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3563 TI-ADC3563_V01 Datasheet
4Mb / 74P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3643 TI-ADC3643_V01 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3641 TI-ADC3641 Datasheet
4Mb / 87P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC3561 TI-ADC3561 Datasheet
5Mb / 85P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
REVISED OCTOBER 2022
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com