Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV2901 Datasheet (PDF) - Texas Instruments

DRV2901 Datasheet PDF - Texas Instruments
Part # DRV2901
Download  DRV2901 Download
File Size   942.12 Kbytes
Page   23 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV2901 Single-Channel PWM-input Piezo Transducer Driver for Ultrasonic Cleaning with Wide Supply Voltage

DRV2901 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV2901 Datasheet PDF - Texas Instruments

Part # DRV2901
Download  DRV2901 Click to download

File Size   942.12 Kbytes
Page   23 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV2901 Single-Channel PWM-input Piezo Transducer Driver for Ultrasonic Cleaning with Wide Supply Voltage

DRV2901 Datasheet (HTML) - Texas Instruments


DRV2901 Product details

1 Features
• Wide 12 V to 48 V supply voltage operation
• Supports up to 50 W peak power
• High-Efficiency Power Stage with 90-mΩ Output
MOSFETs
• Power-On Reset for Protection on Power Up
Without Any Power-Supply Sequencing
• Integrated Self-Protection Circuits Including
– Undervoltage protection
– Over temperature protection
– Overload protection
– Short Circuit protection
• Available in 44-pin HTSSOP package (DDV)

2 Applications
• Thermal Imaging Camera
• Traffic Monitoring Camera
• Machine Vision Camera
• Wireless Security Camera
• Drone Vision

3 Description
The DRV2901 is a high performance lens cleaner
transducer driver. This system only requires a
simple passive LC demodulation filter to deliver highquality,
high-efficiency amplification with proven EMI
compliance. This device requires two power supplies,
at 12 V for GVDD and VDD, and 12 V to 48 V
for PVDD. The DRV2901 does not require power-up
sequencing due to internal power-on reset.
The DRV2901 has an innovative protection system
integrated on-chip, safeguarding the device against a
wide range of fault conditions that could damage the
system. These safeguards are short-circuit protection,
overcurrent protection, undervoltage protection, and
overtemperature protection. The DRV2901 has a
new proprietary current-limiting circuit that reduces
the possibility of device shutdown during high-level
transients.




Similar Part No. - DRV2901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2901 TI2-DRV2901 Datasheet
909Kb / 23P
DRV2901 Single-Channel PWM-input Piezo Transducer Driver for Ultrasonic Cleaning with Wide Supply Voltage
JANUARY 2023
DRV2901DDVR TI2-DRV2901DDVR Datasheet
909Kb / 23P
DRV2901 Single-Channel PWM-input Piezo Transducer Driver for Ultrasonic Cleaning with Wide Supply Voltage
JANUARY 2023
DRV2901DDVR.A TI2-DRV2901DDVR.A Datasheet
909Kb / 23P
DRV2901 Single-Channel PWM-input Piezo Transducer Driver for Ultrasonic Cleaning with Wide Supply Voltage
JANUARY 2023
More results


Similar Description - DRV2901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT8030 ETC2-UT8030 Datasheet
744Kb / 1P
Ultrasonic Cleaning
logo
Murata Manufacturing Co...
PV12P103A01B00 MURATA-PV12P103A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P105A01B00 MURATA-PV12P105A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P205A01B00 MURATA-PV12P205A01B00 Datasheet
182Kb / 3P
available for ultrasonic cleaning after soldering
PV12P500A01B00 MURATA-PV12P500A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P501A01B00 MURATA-PV12P501A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P503A01B00 MURATA-PV12P503A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12P504A01B00 MURATA-PV12P504A01B00 Datasheet
180Kb / 3P
available for ultrasonic cleaning after soldering
PV12T101A01B00 MURATA-PV12T101A01B00 Datasheet
182Kb / 3P
available for ultrasonic cleaning after soldering
logo
PETERMANN-TECHNIK
SMD03025-4US PETERMANN-SMD03025-4US Datasheet
807Kb / 4P
Recommended for ultrasonic welding & cleaning
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com